Electronic Components Datasheet Search
  English  ▼

X  

LT1317CMS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1317CMS8
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317CMS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1317CMS8 Datasheet HTML 8Page - Linear Technology LT1317CMS8 Datasheet HTML 9Page - Linear Technology LT1317CMS8 Datasheet HTML 10Page - Linear Technology LT1317CMS8 Datasheet HTML 11Page - Linear Technology LT1317CMS8 Datasheet HTML 12Page - Linear Technology LT1317CMS8 Datasheet HTML 13Page - Linear Technology LT1317CMS8 Datasheet HTML 14Page - Linear Technology LT1317CMS8 Datasheet HTML 15Page - Linear Technology LT1317CMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1317/LT1317B
TYPICAL APPLICATIO S
Single Li-Ion Cell to 4V/70mA, – 4V/10mA
VIN
LT1317
4.5V TO 2.5V
L1
22
µH
L2
22
µH
D1
FB
SHDN
SHUTDOWN
33k
442k
4V
70mA
1.00M
3.3nF
100pF
C1:
C2:
C3:
D1:
D2:
L1, L2:
MURATA GRM235Y5V107Z01
AVX TAJB336M010
AVX TAJA156M010
MBR0520
BAT54S (DUAL DIODE)
MURATA LQH3C220K04
1317 TA02
1
µF
CERAMIC
1
µF
CERAMIC
C2
33
µF
C1
1
µF
Li-Ion
CELL
VC
GND
SW
+
C3
15
µF
D2
– 4V
10mA
VIN
SW
FB
LT1317B
L1
22
µH
680
Ω
150pF
D2
D1
33k
5.9k
150k
3300pF
1317 TA11
C1: AVX TAJ156M010
C2: SANYO 35CV33GX
C3, C4, C5, C6: 0.1
µF CERAMIC
D1, D2, D3: MOTOROLA MMBD914LT1
L1: MURATA LQH3C220
VC
GND
VIN
3V TO 6V
VOUT
33V
0mA TO 10mA
C1
15
µF
10V
+
+
C3
0.1
µF
C2
10
µF
35V
C4
0.1
µF
C5
0.1
µF
C6
0.1
µF
D3
47
Ω
Low Noise 33V Varactor Bias Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com