Electronic Components Datasheet Search
  English  ▼

X  

LT1331 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1331
Description  3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1331 Datasheet(HTML) 1 Page - Linear Technology

  LT1331 Datasheet HTML 1Page - Linear Technology LT1331 Datasheet HTML 2Page - Linear Technology LT1331 Datasheet HTML 3Page - Linear Technology LT1331 Datasheet HTML 4Page - Linear Technology LT1331 Datasheet HTML 5Page - Linear Technology LT1331 Datasheet HTML 6Page - Linear Technology LT1331 Datasheet HTML 7Page - Linear Technology LT1331 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1331
3V RS562 or 5V/3V RS232
Transceiver with One Receiver
Active in Shutdown
S
FEATURE
DESCRIPTIO
The LT
®1331 is a 3-driver, 5-receiver RS232 transceiver
designed for 3V and mixed 3V/5V systems. Receivers
operate from 3V logic supply VL, while the onboard charge
pump and drivers operate from 5V or 3V supply VCC.
The transceiver has two shutdown modes. One mode
disables the drivers and the charge pump, the other shuts
down all circuitry except for one low power receiver which
can be used for ring detection. The VCC supply may be shut
down while in ring detection mode. While shut down, the
drivers and receivers assume high impedance output
states.
The LT1331 is fully compliant with all EIA-RS232 specifi-
cations when VCC = 5V. If VCC = 3V, output drive levels are
compatible with all known interface circuits. Special bipo-
lar construction techniques protect the drivers and receiv-
ers beyond the fault conditions stipulated for RS232. The
RS232 I/O pins are resilient to multiple
±10kV ESD strikes.
An advanced driver output stage operates up to 120kbaud
while driving heavy capacitive loads.
s
RS232 Compatible 3V Operation
s
3V Logic Interface
s
ESD Protection Over
±10kV
s
120kbaud Operation for RL = 3k, CL = 2500pF
s
250kbaud Operation for RL = 3k, CL = 1000pF
s
One Low Power Receiver Remains Active While
in Shutdown
s
60
µA Supply Current in Shutdown
s
Low Power Driver Disable Mode
s
Uses Small Capacitors: 0.1
µF, 0.2µF
s
CMOS Comparable Low Power: 60mW
s
Easy PC Layout: Flowthrough Architecture
s
Rugged Bipolar Design
s
Outputs Assume a High Impedance State When
Off or Powered Down
s
Notebook Computers
s
Palmtop Computers
S
APPLICATI
, LTC and LT are registered trademarks of Linear Technology Corporation.
R
1331 TA02
RECEIVER
OUTPUT
CL = 50pF
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
INPUT
APPLICATI
TYPICAL
3.3V Operation
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
V+
0.1
µF
2
× 0.1µF
2
× 0.1µF
0.1
µF
GND
DRIVER DISABLE
NC
TO LINE
TO LOGIC
V –
1331 TA01
RX5 OUT (LOW-Q)
RING DETECT IN
µCONTROLLER
OR
µPROCESSOR
SHUTDOWN
CONTROL OUT
LT1331
VCC = 3.3V
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN (LOW-Q)
ON/OFF
3.3V VL
+
+


Similar Part No. - LT1331

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1331 LINER-LT1331 Datasheet
229Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LT1331 LINER-LT1331_15 Datasheet
229Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
More results

Similar Description - LT1331

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1237 LINER-LT1237 Datasheet
175Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
LT1330 LINER-LT1330 Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LT1342 LINER-LT1342 Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1237 LINER-LT1237_15 Datasheet
190Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
LT1331 LINER-LT1331_15 Datasheet
229Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LT1342 LINER-LT1342_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
LT1330 LINER-LT1330_15 Datasheet
169Kb / 10P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com