Electronic Components Datasheet Search
  English  ▼

X  

LT5537 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5537
Description  Wide Dynamic Range RF/IF Log Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5537 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5537_15 Datasheet HTML 8Page - Linear Technology LT5537_15 Datasheet HTML 9Page - Linear Technology LT5537_15 Datasheet HTML 10Page - Linear Technology LT5537_15 Datasheet HTML 11Page - Linear Technology LT5537_15 Datasheet HTML 12Page - Linear Technology LT5537_15 Datasheet HTML 13Page - Linear Technology LT5537_15 Datasheet HTML 14Page - Linear Technology LT5537_15 Datasheet HTML 15Page - Linear Technology LT5537_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT5537
5537fa
APPLICATIO S I FOR ATIO
INPUT POWER (dBm)
–100
0
0.5
1.0
1.5
2.0
2.5
–80
–60
–40
–20
5537 F17
020
TA = 25°C
VCC = ENBL = 3V
Figure 11. 10kHz Operation
Design 2 is the application circuit (Figure 13) used for
characterization in this data sheet. This is a robust general
purpose design which can operate as low as 1.3MHz.
Optional filter capacitor (C6 = 33nF) together with the on-
chip capacitor set the dominant pole at 740Hz. The input
pole associated with the AC coupling capacitors (C1, C2 =
100pF) is at 1.3MHz which is beyond the loop cut-off
frequency of 160kHz. The zero is at an even higher
frequency and can be safely ignored. This design has a
stability phase margin of 84 degrees, resulting in a very
well damped response to any input biasing transients.
Design 3 features fast settling. This design is appropriate
when fast response in the presence of input biasing
transients is required, and very low frequency operation is
not needed.
Design 4 demonstrates the possibility of operating the
LT5537 at very low frequency (<10kHz) by configuring the
offset cancellation loop for very low bandwidth. The re-
sponse of this circuit at 10kHz is plotted in Figure 11.
Offset Cancellation Loop and the Timing Response
The input of the LT5537 is AC coupled, and the on-chip DC
biasing is automatically regulated as described above. But
if the DC component of the input signal has any transient
step with sufficiently short rise or fall time (for example the
output of an active RF switch has a biasing shift between
switching states), a transient voltage pulse is induced by
the displacement current needed to charge the input AC
coupling capacitor. Also, if the pulse frequency or the
repetition rate is within the loop bandwidth of the offset
cancellation circuit, the LT5537 will respond to the in-
duced voltage pulse in the same way it nulls out its internal
DC offset, even though the chip is DC isolated from the
input signal.
If the external capacitor (C6) is used to extend the low
frequency response of the LT5537, then this will also
lengthen the response time of the DC offset cancellation
circuit. In the presence of DC steps or glitches at the input,
the transient response of the slowed offset cancellation
loop will be superimposed on the faster logarithmic detec-
tor output, degrading the overall response time of the chip.
The sensitivity of the LT5537 is very high. An input biasing
step with amplitude of 0.5mV can generate a output
voltage response of 400mV before the input voltage tran-
sient dissipates or the offset cancellation loop nulls out the
transient, whichever occurs first.
One way to prevent the input signal containing a biasing
transient from degrading the timing response is to design
the offset cancellation loop to have a high bandwidth,
allowing faster settling. Design 3 in Table 3 is suitable for
this purpose, but will not operate below 20MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com