Electronic Components Datasheet Search
  English  ▼

X  

LT1339 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1339
Description  High Power Synchronous DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1339 Datasheet(HTML) 1 Page - Linear Technology

  LT1339 Datasheet HTML 1Page - Linear Technology LT1339 Datasheet HTML 2Page - Linear Technology LT1339 Datasheet HTML 3Page - Linear Technology LT1339 Datasheet HTML 4Page - Linear Technology LT1339 Datasheet HTML 5Page - Linear Technology LT1339 Datasheet HTML 6Page - Linear Technology LT1339 Datasheet HTML 7Page - Linear Technology LT1339 Datasheet HTML 8Page - Linear Technology LT1339 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1339
High Power Synchronous
DC/DC Controller
DESCRIPTION
FEATURES
The LT
®1339 is a high power synchronous current mode
switching regulator controller. The IC drives dual
N-channel MOSFETs to create a single IC solution for high
power DC/DC converters in applications up to 60V.
The LT1339 incorporates programmable average current
limiting, allowing accurate limiting of DC load current
independent of inductor ripple current. The IC also incor-
porates user-adjustable slope compensation for minimi-
zation of magnetics at duty cycles up to 90%.
The LT1339 timing oscillator operating frequency is pro-
grammable and can be synchronized up to 150kHz. Mini-
mum off-time operation provides main switch protection.
The IC also incorporates a soft start feature that is gated by
both shutdown and undervoltage lockout conditions.
An output phase reversal pin allows flexibility in configu-
ration of converter types, including inverting and negative
topologies.
s
High Voltage: Operation Up to 60V
s
High Current: Dual N-Channel Synchronous Drive
Handles Up to 10,000pF Gate Capacitance
s
Programmable Average Load Current Limiting
s
5V Reference Output with 10mA External
Loading Capability
s
Programmable Fixed Frequency Synchronizable
Current Mode Operation Up to 150kHz
s
Undervoltage Lockout with Hysteresis
s
Programmable Start Inhibit for Power Supply
Sequencing and Protection
s
Adaptive Nonoverlapping Gate Drive Prevents
Shoot-Through
s
48V Telecom Power Supplies
s
Personal Computers and Peripherals
s
Distributed Power Converters
s
Industrial Control Systems
s
Lead-Acid Battery Backup Systems
s
Automotive and Heavy Equipment
APPLICATIONS
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
28V to 5V 20A Buck Converter
SYNC
VBOOST
5VREF
TG
CT
TS
SL/ADJ
12VIN
IAVG
BG
SS
PGND
VC
PHASE
SGND
RUN/SHDN
VFB
SENSE+
VREF
SENSE–
DBST
IN5819
12V
VIN
28V
CIN
1500
µF
63V
× 3
IRL3803
IRL3103D2
× 2
L1
10
µH
VOUT
5V AT 20A
RFB2
1k
RFB1
3k
LT1339
+
CBST
1
µF
+
C12VIN
47
µF
+
COUT
2200
µF
6.3V
× 2
+
D2
MBR0520
D1
MBR0520
RRUN
100k
RS
0.005
Ω
RCT
10k
CCT
2200pF
CAVG
2200pF
CSS, 1µF
CVC, 1nF
RVC, 10k
CREF
0.1
µF
1339 TA03
L1 = CTX02-13400-X2
C5VREF
1
µF
+
+
28V to 5V Efficiency
OUTPUT CURRENT (A)
0
20
1339 TA03a
5
10
15
100
90
80
70
60
50


Similar Part No. - LT1339

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1339 LINER-LT1339 Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT1339 LINER-LT1339 Datasheet
247Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
LT1339 LINER-LT1339_15 Datasheet
298Kb / 20P
High Power Synchronous DC/DC Controller
More results

Similar Description - LT1339

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
High Performance Programmable Synchronous DC-DC Controller
logo
Linear Technology
LTC3806 LINER-LTC3806 Datasheet
241Kb / 20P
Synchronous Flyback DC/DC Controller
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
High Power Step-Down Synchronous DC/DC Controller
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
Dual Synchronous DC/DC Controller
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
Dual Synchronous DC/DC Controller
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
High Power Step-Down Synchronous DC/DC Controller
logo
Linear Technology
LTC3806 LINER-LTC3806_15 Datasheet
219Kb / 20P
Synchronous Flyback DC/DC Controller
LT1339 LINER-LT1339_15 Datasheet
298Kb / 20P
High Power Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com