Electronic Components Datasheet Search
  English  ▼

X  

LT1336IN Datasheet(PDF) 13 Page - Linear Technology

Part # LT1336IN
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336IN Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1336IN Datasheet HTML 8Page - Linear Technology LT1336IN Datasheet HTML 9Page - Linear Technology LT1336IN Datasheet HTML 10Page - Linear Technology LT1336IN Datasheet HTML 11Page - Linear Technology LT1336IN Datasheet HTML 12Page - Linear Technology LT1336IN Datasheet HTML 13Page - Linear Technology LT1336IN Datasheet HTML 14Page - Linear Technology LT1336IN Datasheet HTML 15Page - Linear Technology LT1336IN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1336
APPLICATIONS INFORMATION
Figure 4. Adding Synchronous Switching to a Step-Down Switching Regulator
negative inductor current is returned to HV when the
switch turns back on. However, I2R losses will occur
under these conditions due to the recirculating currents.
The LT1336 performs the synchronous MOSFET drive in
a step-down switching regulator. A reference and PWM
are required to complete the regulator. Any voltage mode
or current mode PWM controller may be used but the
LT3526 is particularly well-suited to high power, high
efficiency applications such as the 10A circuit shown in
Figure 6. In higher current regulators a small Schottky
diode across the bottom MOSFET helps to reduce reverse-
recovery switching losses.
Motor Drive Applications
In applications where rotation is always in the same
direction, a single LT1336 controlling a half-bridge can be
used to drive a DC motor. One end of the motor may be
connected either to supply or to ground. A motor in this
configuration is controlled by its inputs which give three
alternatives: run, free running stop (coasting) and fast
stop (“plugging” braking with the motor shorted by one of
the MOSFETs).
Whenever possible, returning one end of the motor to
ground is preferable. When the motor is returned to supply
and the boost topology is used to charge the bootstrap
capacitor, the return current from the top driver will find its
way to the high voltage rail through the top MOSFET. Since
+
+
INTOP
INBOTTOM
TGATEDR
TGATEFB
TSOURCE
BGATEDR
BGATEFB
LT1336
HV
VOUT
RGS
RSENSE
1336 F04
REF PWM
OUT A
OUT A
Switch
Total Period
Switch
Total Period
On =
V
HV
Off =
HV – V
HV
OUT
OUT

()

()
Note that for HV > 2VOUT, the switch is off longer than it is
on, making the diode losses more significant than the
switch. The worst case for the diode is during a short
circuit, when VOUT approaches zero and the diode con-
ducts the short-circuit current almost continuously.
Figure 4 shows the LT1336 used to synchronously drive a
pair of power MOSFETs in a step-down regulator applica-
tion, where the top MOSFET is the switch and the bottom
MOSFET replaces the Schottky diode. Since both conduc-
tion paths have low losses, this approach can result in very
high efficiency (90% to 95%) in most applications. For
regulators under 10A, using low RDS(ON) N-channel
MOSFETs eliminates the need for heat sinks. RGS holds the
top MOSFET off when HV is applied before the 12V supply.
One fundamental difference in the operation of a step-
down regulator with synchronous switching is that it never
becomes discontinuous at light loads. The inductor cur-
rent doesn’t stop ramping down when it reaches zero, but
actually reverses polarity, resulting in a constant ripple
current independent of load. This does not cause a signifi-
cant efficiency loss (as might be expected) since the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com