Electronic Components Datasheet Search
  English  ▼

X  

LT1351 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1351
Description  250uA, 3MHz, 200V/us Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1351 Datasheet(HTML) 5 Page - Linear Technology

  LT1351 Datasheet HTML 1Page - Linear Technology LT1351 Datasheet HTML 2Page - Linear Technology LT1351 Datasheet HTML 3Page - Linear Technology LT1351 Datasheet HTML 4Page - Linear Technology LT1351 Datasheet HTML 5Page - Linear Technology LT1351 Datasheet HTML 6Page - Linear Technology LT1351 Datasheet HTML 7Page - Linear Technology LT1351 Datasheet HTML 8Page - Linear Technology LT1351 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1351
ELECTRICAL CHARACTERISTICS –40°C ≤ T
A ≤ 85°C, VCM = 0V unless otherwise noted (Note 6).
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOUT
Output Swing
RL = 5k, VIN = ±10mV
±15V
13.3
±V
RL = 2k, VIN = ±10mV
±15V
13.2
±V
RL = 1k, VIN = ±10mV
±15V
10.0
±V
RL = 1k, VIN = ±10mV
±5V
3.3
±V
RL= 500Ω, VIN = ±10mV
±5V
3.2
±V
RL = 5k, VIN = ±10mV
±2.5V
1.1
±V
IOUT
Output Current
VOUT = ±10V
±15V
10.0
mA
VOUT = ±3.2V
±5V
6.4
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
20
mA
SR
Slew Rate
AV = – 1, RL = 5k (Note 3)
±15V
50
V/
µs
±5V
15
V/
µs
GBW
Gain Bandwidth
f = 200kHz, RL = 10k
±15V
1.6
MHz
± 5V
1.4
MHz
ISHDN
Shutdown Input Current
SHDN = VEE + 0.1V
±15V
– 30
µA
SHDN = VCC
±15V
5
µA
IS
Supply Current
±15V
390
µA
±5V
380
µA
SHDN = VEE + 0.1V
±5V
30
µA
Note 1: Differential inputs of
±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will cause
excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more details.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 3: Slew rate is measured between
±8V on the output with ±12V
input for
±15V supplies and ±2V on the output with ±3V input for ±5V
supplies.
Note 4: Full-power bandwidth is calculated from the slew rate
measurement: FPBW = (Slew Rate)/2
πVP.
Note 5: This parameter is not 100% tested.
Note 6: The LT1351 is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and at 85°C.
Guaranteed I grade parts are available; consult factory.
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (
±V)
0
200
250
125
°C
25
°C
–55
°C
20
1351 G01
150
100
5
10
15
350
300
Supply Current vs Supply Voltage
and Temperature
SUPPLY VOLTAGE (
±V)
0
V–
0.5
1.5
2.0
V +
–1.5
10
20
1351 G02
1.0
–1.0
–0.5
–2.0
5
15
TA = 25°C
∆VOS = 1mV
Input Common Mode Range
vs Supply Voltage
INPUT COMMON MODE VOLTAGE (V)
–15
–20
–10
0
10
20
30
–10
–5
0
5
1351 G03
10
15
TA = 25°C
VS = ±15V
IB =
IB
+ + I
B
–
2
Input Bias Current
vs Input Common Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com