Electronic Components Datasheet Search
  English  ▼

X  

BAT46-TAP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT46-TAP
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT46-TAP Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT46-TAP Datasheet HTML 1Page - Vishay Siliconix BAT46-TAP Datasheet HTML 2Page - Vishay Siliconix BAT46-TAP Datasheet HTML 3Page - Vishay Siliconix BAT46-TAP Datasheet HTML 4Page - Vishay Siliconix BAT46-TAP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAT46
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 06-May-13
2
Document Number: 85662
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Pulse test; tp  300 μs, ,  < 2 %
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Instantaneous Forward Characteristics
Fig. 2 - Typical Reverse Characteristics
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 100 μA (pulsed)
V(BR)
100
V
Leakage current (1)
VR = 1.5 V
IR
0.5
μA
VR = 1.5 V, Tj = 60 °C
IR
5μA
VR = 10 V
IR
0.8
μA
VR = 10 V, Tj = 60 °C
IR
7.5
μA
VR = 50 V
IR
2μA
VR = 50 V, Tj = 60 °C
IR
15
μA
VR = 75 V
IR
5μA
VR = 75 V, Tj = 60 °C
IR
20
μA
Forward voltage (1)
IF = 0.1 mA
VF
250
mV
IF = 10 mA
VF
450
mV
IF = 250 mA
VF
1000
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
10
pF
VR = 1 V, f = 1 MHz
CD
6pF
1000
100
10
1
0.1
0.01
1.2
1
0.8
0.6
0.4
0.2
0
18546
VF - Forward Voltage (V)
= 60 °C
Tj
25 °C
18547
0.01
0.1
1
10
100
020
40
60
80
100
VR - Reverse Voltage (V)
Tj = 60 °C
Tj = 25 °C
0
50
100
150
200
250
0
25
50
75
100
125
150
175
200
Tamb - Ambient Temperature (°C)
20134



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com