Electronic Components Datasheet Search
  English  ▼

X  

MBS6 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MBS6
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBS6 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MBS6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBS6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBS6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBS6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
4.50
4.90
0.177
0.193
B
0.56
0.84
0.022
0.033
C
3.60
5.00
0.142
0.197
D
-
6.90
-
0.272
E
2.20
2.60
0.087
0.102
F
2.30
2.70
0.091
0.106
G
-
0.20
-
0.008
H
-
2.90
-
0.114
I
0.95
1.53
0.037
0.060
J
0.70
1.10
0.028
0.043
K
0.15
0.35
0.006
0.014
L
1.10
2.12
0.043
0.083
Symbol
A
B
C
D
E
F
P/N
= Specific Device Code
YW
= Date Code
F
= Factory Code
Document Number: DS_D1410054
Version: N14
0.248
Unit (inch)
0.067
0.035
0.173
0.319
0.051
SUGGESTED PAD LAYOUT
MBS2 thru MBS10
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
MBS
MARKING DIAGRAM
Unit (mm)
1.7
0.9
4.4
8.1
1.3
6.3
0
5
10
15
20
25
30
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
PER LEG
f=1.0MHz
Vslg=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com