Electronic Components Datasheet Search
  English  ▼

X  

LT1364 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1364
Description  Dual and Quad 70MHz, 1000V/us Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1364 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1364 Datasheet HTML 3Page - Linear Technology LT1364 Datasheet HTML 4Page - Linear Technology LT1364 Datasheet HTML 5Page - Linear Technology LT1364 Datasheet HTML 6Page - Linear Technology LT1364 Datasheet HTML 7Page - Linear Technology LT1364 Datasheet HTML 8Page - Linear Technology LT1364 Datasheet HTML 9Page - Linear Technology LT1364 Datasheet HTML 10Page - Linear Technology LT1364 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1364/LT1365
Gain Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (
°C)
30
50
130
110
70
90
40
120
100
60
80
0
5
10
50
45
35
40
20
25
15
30
– 50
–25
25
100
125
50
75
0
1364/1365 G16
PHASE MARGIN
VS = ±5V
GAIN BANDWIDTH
VS = ±5V
PHASE MARGIN
VS = ±15V
GAIN BANDWIDTH
VS = ±15V
1364/1365 G21
FREQUENCY (Hz)
100k
–120
–100
–110
–20
1M
100M
–60
–80
10M
–40
–90
–50
–70
–30
TA = 25°C
AV = 1
VIN = 0dBm
VS = ±15V
RL = 1k
VS = ±5V
RL = 500Ω
Crosstalk vs Frequency
Gain and Phase vs Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10k
0.01
0.1
100
100k
100M
1364/1365 G13
1M
1
10M
10
AV = 100
AV = 10
AV = 1
VS = ±15V
TA = 25°C
Output Impedance vs Frequency
Frequency Response vs
Capacitive Load
FREQUENCY (Hz)
1M
–15
–9
–12
15
100M
1364/1365 G18
3
–3
10M
9
–6
6
0
12
VS = ±15V
TA = 25°C
AV = –1
C = 1000pF
C = 500pF
C = 100pF
C = 50pF
C = 0
SUPPLY VOLTAGE (
±V)
30
70
50
130
110
90
60
40
120
100
80
30
38
34
50
48
44
40
36
32
46
42
10
5
015
20
1364/1365 G15
TA = 25°C
PHASE MARGIN
GAIN BANDWIDTH
Gain Bandwidth and Phase
Margin vs Supply Voltage
FREQUENCY (Hz)
0
40
20
120
100
80
60
1k
100M
10M
1M
100k
10k
1364/1365 G20
VS = ±15V
TA = 25°C
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
100k
–10
–6
–8
10
1M
100M
1364/1365 G17
2
–2
10M
6
–4
4
0
8
±15V
±2.5V
TA = 25°C
AV = 1
RL = 1k
±5V
Frequency Response vs
Supply Voltage (AV = 1)
FREQUENCY (Hz)
10k
–10
0
70
100k
100M
1364/1365 G14
1M
30
40
10
20
10M
50
60
120
40
60
0
20
80
100
VS = ±15V
VS = ±5V
VS = ±5V
VS = ±15V
PHASE
GAIN
TA = 25°C
AV = –1
RF = RG = 1k
FREQUENCY (Hz)
0
40
20
100
80
60
100k
1M
1k
10k
100
10M
100M
1364/1365 G19
VS = ±15V
TA = 25°C
+PSRR
– PSRR
Power Supply Rejection Ratio
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com