Electronic Components Datasheet Search
  English  ▼

X  

QL78D6S-ABC Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # QL78D6S-ABC
Description  lasing wavelength
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL78D6S-ABC Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  QL78D6S-ABC Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL78D6S-ABC Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL78D6S-ABC Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
03.08.2010
ql78d6s_abc.doc
1 of 3


Similar Part No. - QL78D6S-ABC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL78D6S-A ROITHNER-QL78D6S-A Datasheet
211Kb / 3P
AlGaAs Laser Diode
More results

Similar Description - QL78D6S-ABC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6339G HITACHI-HL6339G Datasheet
44Kb / 8P
633nm Lasing Laser Diode
logo
Roithner LaserTechnik G...
LD635-C220 ROITHNER-LD635-C220 Datasheet
156Kb / 2P
Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window
LD690-C350 ROITHNER-LD690-C350 Datasheet
156Kb / 2P
Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window
LD1430-C003 ROITHNER-LD1430-C003 Datasheet
332Kb / 4P
Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window
LD1490-C010 ROITHNER-LD1490-C010 Datasheet
403Kb / 3P
Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
RLA4116 ROITHNER-RLA4116 Datasheet
1Mb / 3P
peak wavelength
logo
KODENSHI_AUK CORP.
KEL5002A KODENSHI-KEL5002A Datasheet
194Kb / 3P
940nm wavelength
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
Infra-Red Wavelength
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com