Electronic Components Datasheet Search
  English  ▼

X  

LM138K Datasheet(PDF) 8 Page - Linear Technology

Part # LM138K
Description  5A Positive Adjustable Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM138K Datasheet(HTML) 8 Page - Linear Technology

Back Button LM138K Datasheet HTML 4Page - Linear Technology LM138K Datasheet HTML 5Page - Linear Technology LM138K Datasheet HTML 6Page - Linear Technology LM138K Datasheet HTML 7Page - Linear Technology LM138K Datasheet HTML 8Page - Linear Technology LM138K Datasheet HTML 9Page - Linear Technology LM138K Datasheet HTML 10Page - Linear Technology LM138K Datasheet HTML 11Page - Linear Technology LM138K Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT138A/LT338A
LM138/LM338
TYPICAL APPLICATIONS
5V Regulator with Shutdown
LT338A
VIN
121
Ω
1%
1
µF
138A/338A TA05
VOUT
ADJ
5V
2N3904
VIN
TTL
365
Ω
1%
1k
1k
+
LT338A
VIN
VIN
RETURN
VOUT
ADJ
LM301A
VIN
100pF
138A/338A TA06
1k
25
Ω
RP
(MAX DROP
300mV)
25
Ω
121
Ω
RL
365
Ω
5
µF
6
1
2
7
VOUT
5V
RETURN
3
8
4
LT338A
VIN
243
Ω
1%
138A/338A TA07
VOUT
2N3906
ADJ
3A
50k
2k
10k
12V
50
Ω
Temperature Compensated Lead Acid Battery Charger
Remote Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com