Electronic Components Datasheet Search
  English  ▼

X  

SF18G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF18G
Description  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF18G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF18G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF18G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF18G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF18G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, low VF
- High current capability
- High reliability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
ns
Cj
pF
TJ
OC
TSTG
OC
Document Number: DS_D1401007
Version: F14
μA
SF11G thru SF18G
Taiwan Semiconductor
Glass Passivated Super Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-204AL (DO-41)
DO-204AL (DO-41)
Weight:
0.35 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SF
11G
SF
12G
SF
13G
SF
14G
SF
15G
SF
16G
SF
17G
V
SF
18G
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
35
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
0.95
1.3
1.7
Typical junction capacitance (Note 3)
20
10
Operating junction temperature range
- 55 to +150
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
100
Maximum reverse recovery time (Note 2)
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Typical thermal resistance
RθJL
RθJA
20
OC/W
80


Similar Part No. - SF18G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF18G TSC-SF18G Datasheet
70Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
SF18G TSC-SF18G Datasheet
261Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF18G BILIN-SF18G Datasheet
137Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF18G MIC-SF18G Datasheet
62Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF18G CHONGQING-SF18G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF18G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com