Electronic Components Datasheet Search
  English  ▼

X  

SF27 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF27
Description  Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF27 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF27 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF27 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF27 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF27 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, low VF
- High current capability
- High reliability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
ns
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1401008
Version: F14
SF21 thru SF28
Taiwan Semiconductor
Super Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-204AC (DO-15)
DO-204AC (DO-15)
Weight:
0.4 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SF
21
SF
22
SF
23
SF
24
SF
25
SF
26
SF
27
SF
28
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100℃
IR
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
μA
- 55 to +125
Operating junction temperature range
Storage temperature range
- 55 to +150
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Maximum reverse recovery time (Note 2)
35
Typical thermal resistance
65
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
0.95
1.3
1.7
5
100
Typical junction capacitance (Note 3)
40
30


Similar Part No. - SF27

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF27 MOSPEC-SF27 Datasheet
129Kb / 2P
POWER RECTIFIERS(2.0A,500-1000V)
logo
Won-Top Electronics
SF27 WTE-SF27 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF27 EIC-SF27 Datasheet
48Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Formosa MS
SF27 FORMOSA-SF27 Datasheet
36Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
SF27 FORMOSA-SF27 Datasheet
65Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF27

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com