Electronic Components Datasheet Search
  English  ▼

X  

SF25G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF25G
Description  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF25G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF25G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF25G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF25G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF25G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SF21G
SF21G
SF21G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405017
Version: G14
SF21G thru SF28G
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
Prefix "H"
A0
Suffix "G"
DO-15
1,500 / Ammo box
R0
DO-15
3,500 / 13" Paper reel
B0
DO-15
1,000 / Bulk packing
Note 1: "x" defines voltage from 50V (SF21G) to 600V (SF28G)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SF2xG
(Note 1)
SF21G A0
A0
SF21G A0G
A0
G
Green compound
SF21GHA0
H
A0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
FIG.1- MAXIMUM AVERAGE FORWARD
CURRENT DERATING
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
SF27G-SF28G
Pulse Width=300μs
1% Duty Cycle
SF25G-SF26G
SF21G-SF24G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com