Electronic Components Datasheet Search
  English  ▼

X  

SF27G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF27G
Description  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF27G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF27G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF27G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF27G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF27G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- High efficiency, Low VF
- High current capability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
ns
Cj
pF
RθJC
RθJA
TJ
OC
TSTG
OC
Document Number: DS_D1405017
Version: G14
SF21G thru SF28G
Glass Passivated Super Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
UNIT
MECHANICAL DATA
Case:
DO-204AC (DO-15)
DO-204AC (DO-15)
Weight:
0.4g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SF
21G
SF
22G
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
SF
24G
SF
25G
SF
26G
SF
27G
SF
28G
SF
23G
A
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
0.95
V
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
μA
100
Maximum reverse recovery time (Note 2)
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
1.3
1.7
35
40
20
Typical junction capacitance (Note 3)
Operating junction temperature range
- 55 to +150
Typical thermal resistance
OC/W
65
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
16


Similar Part No. - SF27G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF27G TSC-SF27G Datasheet
68Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF27G TSC-SF27G Datasheet
257Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF27G BILIN-SF27G Datasheet
111Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF27G MIC-SF27G Datasheet
55Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF27G CHONGQING-SF27G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF27G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com