Electronic Components Datasheet Search
  English  ▼

X  

LT1431CZ Datasheet(PDF) 2 Page - Linear Technology

Part # LT1431CZ
Description  Programmable Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1431CZ Datasheet(HTML) 2 Page - Linear Technology

  LT1431CZ Datasheet HTML 1Page - Linear Technology LT1431CZ Datasheet HTML 2Page - Linear Technology LT1431CZ Datasheet HTML 3Page - Linear Technology LT1431CZ Datasheet HTML 4Page - Linear Technology LT1431CZ Datasheet HTML 5Page - Linear Technology LT1431CZ Datasheet HTML 6Page - Linear Technology LT1431CZ Datasheet HTML 7Page - Linear Technology LT1431CZ Datasheet HTML 8Page - Linear Technology LT1431CZ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1431
A
G
A
U
A
R
BSOLUTEXI
TI
S
V+, VCOLLECTOR ....................................................... 36V
VCOMP, RTOP,RMID,VREF ............................................ 6V
GND-F to GND-S .................................................... 0.7V
Ambient Temperature Range
LT1431M ........................................ – 55
°C to 125°C
LT1431I ............................................ – 40
°C to 85°C
LT1431C .............................................. 0
°C TO 70°C
JunctionTemperature Range
LT1431M ........................................ – 55
°C to 150°C
LT1431I .......................................... – 40
°C to 100°C
LT1431C ............................................. 0
°C to 100°C
Storage Temperature Range ................ –65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
LT1431CZ
LT1431IZ
ORDER PART
NUMBER
LT1431CS8
LT1431IS8
LT1431
LT1431I
ORDER PART
NUMBER
PART
MARKING
LT1431M/I
LT1431C
TA = 25°C, IK = 10mA, unless otherwise specified (Note 1).
The q denotes specifications which apply over the operating temperature
range.
Note 1: VKA is the cathode voltage of the LT1431CZ/IZ and corresponds to
V + of the LT1431CN8/MJ8. IK is the cathode current of the LT1431CZ/IZ
and corresponds to I(V +) + ICOLLECTOR of the LT1431CN8/MJ8/IN8.
Note 2: The LT1431 has bias current cancellation which is effective only
for VKA ≥ 3V. A slight (≈2mV) shift in reference voltage occurs when
VKA drops below 3V. For this reason, these tests are not performed at
VKA = VREF.
ELECTRICAL CHARACTERISTICS
LT1431MJ8
LT1431CN8
LT1431IN8
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
COLLECTOR
COMP
V+
RTOP
REF
RMID
GND-F
GND-S
N8 PACKAGE
8-LEAD PLASTIC DIP
J8 PACKAGE
8-LEAD CERAMIC DIP
TJ MAX = 150°C, θJA = 100°C/W (J)
TJ MAX = 100°C, θJA = 130°C/W (N)
1
2
3
4
8
7
6
5
TOP VIEW
REF
RMID
GND-F
GND-S
COMP
V+
RTOP
S8 PACKAGE
8-LEAD PLASTIC SOIC
COLLECTOR
TJ MAX = 100°C, θJA = 170°C/W
1
2
3
BOTTOM VIEW
REF ANODE
Z PACKAGE
3-LEAD TO-92 PLASTIC
CATHODE
TJ MAX = 100°C, θJA = 160°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN TYP MAX
MIN TYP MAX
UNITS
VREF
Reference Voltage
VKA = 5V, IK = 2mA, (Note 2)
2.490 2.500 2.510
2.490 2.500 2.510
V
q
2.465
2.535
2.480
2.520
V
∆VREF/∆T
Reference Drift
VKA = 5V, IK = 2mA
q
50
30
ppm/
°C
∆VREF/∆VKA Voltage Ratio, Reference to
IK = 2mA, VKA = 3V to 36V
q
0.2
0.5
0.2
0.5
mV/V
Cathode (Open-Loop Gain)
|IREF|
Reference Input Current
VKA = 5V, TA = 25°C
0.2
1.0
0.2
1.0
µA
q
1.5
1.2
µA
IMIN
Minimum Operating Current
VKA = VREF to 36V
0.6
1.0
0.6
1.0
mA
|IOFF|
Off-State Cathode Current
VKA = 36V, VREF = 0V
1
1
µA
q
15
2
µA
|ILEAK|
Off-State Collector Leakage Current
VCOLL = 36V, V + = 5V, VREF = 2.4V
1
1
µA
q
52
µA
|ZKA|
Dynamic Impedance
VKA = VREF, IK = 1mA to 100mA, f ≤ 1kHz
0.2
0.2
Ω
ILIM
Collector Current Limit
VKA = VREF + 50mV
q
80
360
100
260
mA
5V Reference Output
Internal Divider Used, IK = 2mA
4.950 5.000 5.050
4.950 5.000 5.050
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com