Electronic Components Datasheet Search
  English  ▼

X  

LT1376HVCS8 Datasheet(PDF) 28 Page - Linear Technology

Part # LT1376HVCS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376HVCS8 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT1376HVCS8 Datasheet HTML 20Page - Linear Technology LT1376HVCS8 Datasheet HTML 21Page - Linear Technology LT1376HVCS8 Datasheet HTML 22Page - Linear Technology LT1376HVCS8 Datasheet HTML 23Page - Linear Technology LT1376HVCS8 Datasheet HTML 24Page - Linear Technology LT1376HVCS8 Datasheet HTML 25Page - Linear Technology LT1376HVCS8 Datasheet HTML 26Page - Linear Technology LT1376HVCS8 Datasheet HTML 27Page - Linear Technology LT1376HVCS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LT1375/LT1376
13756fb LT/TP 0399 REV B 2K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1995
RELATED PARTS
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/LT1076
Step-Down Switching Regulators
40V Input, 100kHz, 5A and 2A
LTC1148
High Efficiency Synchronous Step-Down Switching Regulator
External FET Switches
LTC1149
High Efficiency Synchronous Step-Down Switching Regulator
External FET Switches
LTC1174
High Efficiency Step-Down and Inverting DC/DC Converter
0.5A, 150kHz Burst Mode
TM Operation
LT1176
Step-Down Switching Regulator
PDIP LT1076
LT1372/LT1377
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
Boost Topology
Burst Mode is a trademark of Linear Technology Corporation.
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
S16 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com