Electronic Components Datasheet Search
  English  ▼

X  

SF46G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF46G
Description  4.0AMPS. Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF46G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF46G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF46G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF46G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF46G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss.
SF41G
DO-201AD 500 / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
SF
41G
SF
42G
SF
43G
SF
44G
SF
45G
SF
46G
SF
47G
SF
48G
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
uA
uA
Trr
nS
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Version:E13
Packing code
Packing code
(Green)
A0
A0G
SF41G - SF48G
4.0AMPS. Glass Passivated Super Fast Rectifiers
DO-201AD
Features
For use in low voltage, high frequency inverter,
free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260℃/10 seconds
Mounting position: Any
Weight: 1.2 grams
Parameter
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
4
Peak Forward Surge Current, 8.3 ms Single Half
Sine-Wave Supperimposed on Rated Load
(JEDEC Method)
IFSM
125
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 4 A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current at Rated
@ TA=25 ℃
DC Blocking Voltage
@ TA=125 ℃
IR
5
500
Maximum Reverse Recovery Time (Note 2)
35
Typical Junction Capacitance (Note 3)
100
80
Thermal Resistance
25
Operating Temperature Range
- 55 to + 150
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
52mm


Similar Part No. - SF46G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF46G TSC-SF46G Datasheet
273Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF46G TSC-SF46G Datasheet
573Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Micro Commercial Compon...
SF46G MCC-SF46G Datasheet
379Kb / 2P
4 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Shenzhen Luguang Electr...
SF46G LUGUANG-SF46G Datasheet
189Kb / 2P
4.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Leshan Radio Company
SF46G LRC-SF46G Datasheet
193Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
More results

Similar Description - SF46G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
GBL005 TSC-GBL005_11 Datasheet
136Kb / 2P
Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com