Electronic Components Datasheet Search
  English  ▼

X  

LT1465 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1465
Description  Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1465 Datasheet(HTML) 3 Page - Linear Technology

  LT1465 Datasheet HTML 1Page - Linear Technology LT1465 Datasheet HTML 2Page - Linear Technology LT1465 Datasheet HTML 3Page - Linear Technology LT1465 Datasheet HTML 4Page - Linear Technology LT1465 Datasheet HTML 5Page - Linear Technology LT1465 Datasheet HTML 6Page - Linear Technology LT1465 Datasheet HTML 7Page - Linear Technology LT1465 Datasheet HTML 8Page - Linear Technology LT1465 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1464/LT1465
ELECTRICAL CHARACTERISTICS V
S = ± 15V, VCM = 0V, TA = 25°C, unless otherwise noted.
LT1464AC
LT1464C/LT1465C
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOUT
Output Voltage Swing
RL = 10k
±13.5 ±13.7
±13.5 ±13.7
V
RL = 2k
±13.3 ±13.5
±13.3 ±13.5
V
VS = ±5V, RL = 2k
±3.5
±3.7
±3.5
±3.7
V
SR
Slew Rate
RL = 10k (Note 4)
0.5
0.9
0.5
0.9
V/
µs
GBW
Gain Bandwidth Product
f = 10kHz
650
1000
650
1000
kHz
IS
Supply Current per Amplifier
145
200
145
200
µA
VS = ±5V
135
200
135
200
µA
Channel Separation
f = 10Hz, VO = ±10V, RL = 10k
132
132
dB
VOS
Offset Voltage Match (Note 7)
VS = ±5V
0.5
1.3
0.5
1.3
mV
VS = ±15V
0.8
3.3
0.8
3.3
mV
∆IB+
Noninverting Bias Current Match
VS = ±5V
0.4
3.0
pA
(Note 7)
VS = ±15V
0.5
4.0
0.5
30
pA
∆CMRR
Common Mode Rejection Match
(Notes 5, 7)
74
85
71
85
dB
∆PSRR
Power Supply Rejection Match
(Notes 5, 7)
78
88
74
88
dB
VS = ±15V, VCM = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT1464AC
LT1464C/LT1465C
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = ±5V
q
0.5
1.4
0.5
1.4
mV
VS = ±15V
q
0.9
2.8
0.9
2.8
mV
∆VOS
Average Input Offset Voltage Drift
(Note 6)
q
720
7
20
µV/°C
∆Temp
IOS
Input Offset Current
q
10
50
25
450
pA
IB
Input Bias Current
q
60
150
150
750
pA
CMRR
Common Mode Rejection Ratio
VCM = – 12V to 15V
q
75
85
73
85
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±20V
q
80
89
77
89
dB
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 10k
q
200
600
200
600
V/mV
VO = ±10V, RL = 2k
q
100
350
100
350
V/mV
VS = ±5V, VO = ±2V, RL = 10k
q
80
200
80
200
V/mV
VS = ±5V, VO = ±1V, RL = 2k
q
45
150
45
150
V/mV
VOUT
Output Voltage Swing
RL = 10k
q
±13.4 ±13.6
±13.4 ±13.6
V
RL = 2k
q
±13.2 ±13.4
±13.2 ±13.4
V
VS = ±5V, RL = 2k
q
±3.4
±3.6
±3.4
±3.6
V
SR
Slew Rate
RL = 10k (Note 4)
q
0.4
0.8
0.4
0.8
V/
µs
GBW
Gain Bandwidth Product
f = 10kHz
q
540
870
540
870
kHz
IS
Supply Current per Amplifier
q
160
220
160
220
µA
VS = ±5V
q
150
220
150
220
µA
VOS
Offset Voltage Match (Note 7)
VS = ±5V
q
0.7
2.0
0.7
2.0
mV
VS = ±15V
q
0.9
3.5
0.9
3.5
mV
∆IB+
Noninverting Bias Current Match
q
5
40
35
500
pA
(Note 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com