Electronic Components Datasheet Search
  English  ▼

X  

SF1001G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SF1001G
Description  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF1001G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SF1001G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF1001G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF1001G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF1001G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
-
10.50
-
0.413
B
2.62
3.44
0.103
0.135
C
2.80
4.20
0.110
0.165
D
0.68
0.94
0.027
0.037
E
3.54
4.00
0.139
0.157
F
14.60
16.00
0.575
0.630
G
13.19
14.79
0.519
0.582
H
2.41
2.67
0.095
0.105
I
4.42
4.76
0.174
0.187
J
1.14
1.40
0.045
0.055
K
5.84
6.86
0.230
0.270
L
2.20
2.80
0.087
0.110
M
0.35
0.64
0.014
0.025
N
1.14
1.77
0.045
0.070
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1411015
Version: I14
MARKING DIAGRAM
TO-220AB
SF1001G thru SF1008G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
40
50
60
70
80
90
100
1
10
100
1000
REVERSE VOLTAGE. (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
PER LEG
SF1001G~SF1004G
SF1005G~SF1008G
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com