Electronic Components Datasheet Search
  English  ▼

X  

SF1004G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF1004G
Description  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF1004G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF1004G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF1004G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF1004G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF1004G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SF1001G
SF1001G
(TA=25°C unless otherwise noted)
Document Number: DS_D1411015
Version: I14
PACKING
Taiwan Semiconductor
SF1001G thru SF1008G
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE
Green compound
DESCRIPTION
50 / Tube
SF1001G C0
C0
SF1001G C0G
C0
G
Note 1: "x" defines voltage from 50V (SF1001G) to 600V (SF1008G)
PREFERRED
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
SF100xG
(Note 1)
C0
G
TO-220AB
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
ORDERING INFORMATION
0
2
4
6
8
10
12
050
100
150
CASE TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
8.3ms Single Half Sine Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=100°C
TJ=75°C
TJ=25°C
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
PER LEG
Pulse Width=300μs
1% Duty Cycle
SF1001G~SF1004G
SF1005G~SF1006G
SF1007G~SF1008G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com