Electronic Components Datasheet Search
  English  ▼

X  

LT1490 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1490
Description  Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490 Datasheet(HTML) 3 Page - Linear Technology

  LT1490 Datasheet HTML 1Page - Linear Technology LT1490 Datasheet HTML 2Page - Linear Technology LT1490 Datasheet HTML 3Page - Linear Technology LT1490 Datasheet HTML 4Page - Linear Technology LT1490 Datasheet HTML 5Page - Linear Technology LT1490 Datasheet HTML 6Page - Linear Technology LT1490 Datasheet HTML 7Page - Linear Technology LT1490 Datasheet HTML 8Page - Linear Technology LT1490 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1490/LT1491
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1490 N, S Package
250
1200
µV
0
°C ≤ TA ≤ 70°C
q
1400
µV
–40
°C ≤ TA ≤ 85°C
q
1500
µV
LT1491 N Package
350
1250
µV
0
°C ≤ TA ≤ 70°C
q
1500
µV
–40
°C ≤ TA ≤ 85°C
q
1600
µV
LT1490CMS8 Package, LT1491 S Package
400
1600
µV
0
°C ≤ TA ≤ 70°C
q
1850
µV
–40
°C ≤ TA ≤ 85°C
q
1950
µV
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
Differential
6
17
M
Ω
Common Mode, VCM = 0V to 44V
4
11
M
Ω
CIN
Input Capacitance
4.6
pF
Input Voltage Range
q
044
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to VCC – 1V
q
84
98
dB
(Note 3)
VCM = 0V to 44V
q
80
98
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
200
1500
V/mV
0
°C ≤ TA ≤ 70°C
q
133
V/mV
–40
°C ≤ TA ≤ 85°C
q
100
V/mV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
400
1500
V/mV
0
°C ≤ TA ≤ 70°C
q
250
V/mV
–40
°C ≤ TA ≤ 85°C
q
200
V/mV
VOL
Output Voltage Swing Low
VS = 3V, No Load
q
22
50
mV
VS = 3V, ISINK = 5mA
q
250
450
mV
VS = 5V, No Load
q
22
50
mV
VS = 5V, ISINK = 5mA
q
250
500
mV
VS = 5V, ISINK = 10mA
330
500
mV
VOH
Output Voltage Swing High
VS = 3V, No Load
q
2.95
2.978
V
VS = 3V, ISOURCE = 5mA
q
2.55
2.6
V
VS = 5V, No Load
q
4.95
4.978
V
VS = 5V, ISOURCE = 10mA
q
4.30
4.6
V
ISC
Short-Circuit Current (Note 1)
VS = 3V, Short to GND
10
15
mA
VS = 3V, Short to VCC
10
30
mA
VS = 5V, Short to GND
15
25
mA
VS = 5V, Short to VCC
15
30
mA
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V, VCM = VO = 1V
q
84
98
dB
Minimum Operating Supply Voltage
q
2
2.5
V
Reverse Supply Voltage
IS = – 100µA per Amplifier
q
18
27
V
IS
Supply Current per Amplifier
40
50
µA
(Note 4)
q
55
µA
GBW
Gain Bandwidth Product
f = 1kHz
110
180
kHz
(Note 3)
0
°C ≤ TA ≤ 70°C
q
100
kHz
–40
°C ≤ TA ≤ 85°C
q
90
kHz
SR
Slew Rate
AV = – 1, RL = ∞
0.035
0.06
V/
µs
(Note 5)
0
°C ≤ TA ≤ 70°C
q
0.031
V/
µs
–40
°C ≤ TA ≤ 85°C
q
0.030
V/
µs
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply, TA = 25°C, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
VS = ±15V, VCM = 0V, VOUT = 0V, TA = 25°C, unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com