Electronic Components Datasheet Search
  English  ▼

X  

SFAF503G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFAF503G
Description  Isolated Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAF503G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFAF503G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAF503G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFAF503G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFAF503G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, low VF.
- High current capavility
- High reliability
- High surge current capability
- Low power loss.
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
ns
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1405028
Version: G14
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
SFAF
506G
0.975
1.3
1.7
400
Typical junction capacitance (Note 3)
Typical thermal resistance
5
Operating junction temperature range
- 55 to +150
70
Storage temperature range
- 55 to +150
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=125 ℃
IR
10
μA
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Maximum instantaneous forward voltage (Note 1)
IF = 5A
VF
V
Maximum reverse recovery time (Note 2)
35
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
125
A
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
5
SFAF
504G
SFAF
505G
SFAF
507G
SFAF
508G
UNIT
Maximum repetitive peak reverse voltage
Case:
ITO-220AC
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SFAF
501G
SFAF
502G
SFAF
503G
SFAF501G thru SFAF508G
Taiwan Semiconductor
Isolated Glass Passivated Super Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
ITO-220AC


Similar Part No. - SFAF503G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF503G TSC-SFAF503G Datasheet
272Kb / 2P
Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF503G TSC-SFAF503G Datasheet
628Kb / 2P
Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SFAF503G LUGUANG-SFAF503G Datasheet
223Kb / 2P
Isolated 5.0AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFAF503G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF2001G TSC-SFAF2001G_11 Datasheet
197Kb / 2P
20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
UGF12J TSC-UGF12J Datasheet
214Kb / 2P
12.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SFAF801G LUGUANG-SFAF801G Datasheet
218Kb / 2P
Isolated 8.0AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAF501G TSC-SFAF501G_13 Datasheet
425Kb / 3P
5.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_13 Datasheet
419Kb / 3P
8.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_13 Datasheet
420Kb / 3P
16.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_13 Datasheet
426Kb / 3P
20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_14 Datasheet
392Kb / 4P
Isolated Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_14 Datasheet
400Kb / 4P
Isolated Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G_14 Datasheet
401Kb / 4P
Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com