Electronic Components Datasheet Search
  English  ▼

X  

LT1496 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1496
Description  1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496 Datasheet(HTML) 5 Page - Linear Technology

  LT1496 Datasheet HTML 1Page - Linear Technology LT1496 Datasheet HTML 2Page - Linear Technology LT1496 Datasheet HTML 3Page - Linear Technology LT1496 Datasheet HTML 4Page - Linear Technology LT1496 Datasheet HTML 5Page - Linear Technology LT1496 Datasheet HTML 6Page - Linear Technology LT1496 Datasheet HTML 7Page - Linear Technology LT1496 Datasheet HTML 8Page - Linear Technology LT1496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1495/LT1496
ELECTRICAL CHARACTERISTICS
–40
°C ≤ TA ≤ 85°C, VS = ±15V, VCM = VO = 0V, unless otherwise noted. (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
250
675
µV
IB
Input Bias Current
q
250
1700
pA
IOS
Input Offset Current
q
20
170
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 100k
q
50
200
V/mV
Input Voltage Range
q
–15
21
V
CMRR
Common Mode Rejection Ratio
VCM = –14.8V to 14V
q
96
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
92
120
dB
VOL
Output Voltage Swing LOW
RL = 1M
q
–14.83
–14.66
V
RL = 100k
q
–14.72
–14.44
V
VOH
Output Voltage Swing HIGH
RL = 1M
q
14.74
14.87
V
RL = 100k
q
14.54
14.77
V
ISC
Short-Circuit Current
q
0.4
1.1
mA
IS
Supply Current per Amplifier
q
2.0
3.0
µA
Note 2: This parameter is not 100% tested.
Note 3: VS = 5V limit guaranteed by correlation to VS = 3V and VS = ±15V
tests.
Note 4: VS = 3V limit guaranteed by correlation to VS = 5V and VS = ±15V
tests.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: The LT1495/LT1496 are designed, characterized and expected to
meet these extended temperature limits, but are not tested at – 40
°C and
85
°C. Guaranteed I grade parts are available; consult factory.
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (
µV)
–400
0
2
6
8
10
20
14
–200
0
100
1495 G01
4
16
18
12
–300
–100
200 300 400
VS = 5V, 0V
LT1495/LT1496
4500 OP AMPS
Distribution of Input Offset Voltage
TOTAL SUPPLY VOLTAGE (V)
1
100
150
200
5
1495 G03
50
–50
0
2
3
4
TA = 85°C
TA = –40°C
TA = 25°C
TEMPERATURE (
°C)
–40 – 20
0
1.0
2.5
0
40
60
1495 G02
0.5
2.0
1.5
20
80
100
VS = ±15V
VS = ±2.5V
Supply Current vs Temperature
Minimum Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com