Electronic Components Datasheet Search
  English  ▼

X  

LT1498 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1498
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1498 Datasheet(HTML) 2 Page - Linear Technology

  LT1498 Datasheet HTML 1Page - Linear Technology LT1498 Datasheet HTML 2Page - Linear Technology LT1498 Datasheet HTML 3Page - Linear Technology LT1498 Datasheet HTML 4Page - Linear Technology LT1498 Datasheet HTML 5Page - Linear Technology LT1498 Datasheet HTML 6Page - Linear Technology LT1498 Datasheet HTML 7Page - Linear Technology LT1498 Datasheet HTML 8Page - Linear Technology LT1498 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1498/LT1499
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V + to V –) ............................. 36V
Input Current .....................................................
±10mA
Output Short-Circuit Duration (Note 1) ........ Continuous
Operating Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range (Note 3) .... – 40
°C to 85°C
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
ELECTRICAL CHARACTERISTICS
Consult factory for Military and Industrial grade parts.
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1498CN8
LT1498CS8
ORDER PART
NUMBER
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTA
– IN A
+ IN A
V +
+ IN B
– IN B
OUT B
OUT D
– IN D
+ IN D
V –
+ IN C
– IN C
OUT C
A
D
B
C
TJMAX = 150°C, θJA = 150°C/ W
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
– IN A
+ IN A
V –
V +
OUT B
– IN B
+ IN B
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
A
B
LT1499CS
TA = 25°C, VS = 5V,0V; VS = 3V,0V; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+
150
475
µV
VCM = V
–
150
475
µV
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
150
425
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V
+, V– (Note 4)
200
750
µV
IB
Input Bias Current
VCM = V
+
0
250
500
nA
VCM = V–
– 500
– 250
0
nA
∆IB
Input Bias Current Shift
VCM = V
– to V+
500
1000
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V
+ (Note 4)
0
10
100
nA
VCM = V– (Note 4)
– 100
– 10
0
nA
IOS
Input Offset Current
VCM = V+
550
nA
VCM = V–
550
nA
∆IOS
Input Offset Current Shift
VCM = V– to V+
10
100
nA
Input Noise Voltage
0.1Hz to 10Hz
400
nVP-P
en
Input Noise Voltage Density
f = 1kHz
12
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.3
pA/
√Hz
CIN
Input Capacitance
5pF
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 75mV to 4.8V, RL = 10k
600
3800
V/mV
VS = 3V, VO = 75mV to 2.8V, RL = 10k
500
2000
V/mV
S8 PART MARKING
1498



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com