Electronic Components Datasheet Search
  English  ▼

X  

LT1501CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1501CS8
Description  Adaptive-Frequency Current Mode Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1501CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1501CS8 Datasheet HTML 8Page - Linear Technology LT1501CS8 Datasheet HTML 9Page - Linear Technology LT1501CS8 Datasheet HTML 10Page - Linear Technology LT1501CS8 Datasheet HTML 11Page - Linear Technology LT1501CS8 Datasheet HTML 12Page - Linear Technology LT1501CS8 Datasheet HTML 13Page - Linear Technology LT1501CS8 Datasheet HTML 14Page - Linear Technology LT1501CS8 Datasheet HTML 15Page - Linear Technology LT1501CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1500/LT1501
S Package
14-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
14
13
0.337 – 0.344*
(8.560 – 8.738)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
5
6
7
8
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
S14 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com