Electronic Components Datasheet Search
  English  ▼

X  

LT1508 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1508
Description  Power Factor and PWM Controller(Voltage Mode)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1508 Datasheet(HTML) 3 Page - Linear Technology

  LT1508 Datasheet HTML 1Page - Linear Technology LT1508 Datasheet HTML 2Page - Linear Technology LT1508 Datasheet HTML 3Page - Linear Technology LT1508 Datasheet HTML 4Page - Linear Technology LT1508 Datasheet HTML 5Page - Linear Technology LT1508 Datasheet HTML 6Page - Linear Technology LT1508 Datasheet HTML 7Page - Linear Technology LT1508 Datasheet HTML 8Page - Linear Technology LT1508 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1508
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Amplifier (PFC Section)
Current Amp Offset Voltage
q
±1
±4mV
ISENSE Bias Current
q
– 25
– 250
nA
Current Amp Voltage Gain
80
110
dB
Current Amp Unity-Gain Bandwidth
3
MHz
Current Amp Output High
q
7.2
8.5
V
Current Amp Output Low
q
1.1
2
V
Current Amp Short-Circuit Current
CAOUT = 0V
q
3
8
17
mA
Input Range, ISENSE, MOUT (Linear Operation)
q
– 0.3
1
V
Reference
Reference Output Voltage
IREF = 0mA, TA = 25°C
7.39
7.50
7.60
V
VREF Load Regulation
– 5mA < IREF < 0mA
5
mV
VREF Line Regulation
11.5V < VCC < VMAX
q
– 20
5
20
mV
VREF Short-Circuit Current
VREF = 0V
q
12
28
50
mA
VREF Worst Case
Load, Line, Temperature
q
7.32
7.5
7.68
V
Current Limit
PKLIM Offset Voltage
q
–25
25
mV
PKLIM Input Current
PKLIM = – 0.1V
q
– 50
– 100
µA
PKLIM to GTDR Propagation Delay
PKLIM Falling from 50mV to – 50mV
400
ns
Multiplier
Multiplier Output Current
IAC = 100µA, RSET = 15k
35
µA
Multiplier Output Current Offset
RAC = 1M from IAC to GND
q
– 0.05
– 0.5
µA
Multiplier Maximum Output Current
IAC = 450µA, RSET = 15k, VAOUT = 7V, MOUT = 0V
q
– 286
– 260
– 235
µA
Multiplier Gain Constant (Note 1)
0.035
V–2
IAC Input Resistance
IAC from 50µA to 1mA
15
25
35
k
Ω
Oscillator
Oscillator Frequency
RSET = 15k, CSET = 1000pF
q
85
100
115
kHz
RSET = 15k, CSET = 1500pF
q
58
68
78
kHz
CSET Ramp Peak-to-Peak Amplitude
4.35
4.7
5.0
V
CSET Ramp Valley Voltage
1.15
1.3
1.55
V
Overvoltage Comparator (PFC Section)
Comparator Trip Voltage Ratio (VTRIP/VREF)
q
1.04
1.05
1.06
Hysteresis
0.35
V
OVP Bias Current
OVP = 7.5V
q
0.2
1
µA
OVP Propagation Delay
100
ns
Gate Drivers (GTDR1 and GTDR2)
Max Output Voltage
0mA Load, 18V < VCC
q
12
15
17.5
V
Output High
– 200mA Load, 11.5V
≤ VCC ≤ 15V
q
VCC – 3.0
V
Output Low (Device Unpowered)
VCC = 0V, 50mA Load (Sinking)
q
0.9
1.5
V
Output Low (Device Active)
200mA Load (Sinking)
q
0.5
1
V
10mA Load
q
0.2
0.4
V
Peak Output Current
10nF from GTDR to GND
2
A
Rise and Fall Time
1nF from GTDR to GND
25
ns
Max Duty Cycle (PFC)
90
96
%
Max Duty Cycle (PWM) (Note 2)
44
50
%
Maximum operating voltage (VMAX) = 25V, VCC = 18V, RSET = 15k to GND, CSET = 1nF to GND, IAC = 100µA, ISENSE = 0V, CAOUT = 3.5V,
VAOUT = 5V, OVP = VREF. No load on any outputs unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com