Electronic Components Datasheet Search
  English  ▼

X  

LT1509 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1509
Description  Power Factor and PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1509 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1509 Datasheet HTML 8Page - Linear Technology LT1509 Datasheet HTML 9Page - Linear Technology LT1509 Datasheet HTML 10Page - Linear Technology LT1509 Datasheet HTML 11Page - Linear Technology LT1509 Datasheet HTML 12Page - Linear Technology LT1509 Datasheet HTML 13Page - Linear Technology LT1509 Datasheet HTML 14Page - Linear Technology LT1509 Datasheet HTML 15Page - Linear Technology LT1509 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1509
APPLICATIONS INFORMATION
An LT1431 reference/amplifier coupled to a low cost
optoisolator closes the loop from secondary side to pri-
mary side. Unity loop frequency is a conservative 3kHz.
Figure 10 shows the output voltage’s response with a 2A
to almost 10A current step. Output voltage is maintained
to within 0.5V during the load step. Efficiency versus
power and line voltage is shown in Figure 11. The PFC
preregulator alone has efficiency numbers between 90%
and 97% over line and load.
A 3-turn secondary added to the 70-turn primary of T1
bootstraps VCC to about 15V supplying the chip’s 13mA
requirement as well as about 39mA to cover the gate
current of the three FETs and high side transformer. A
0.15
Ω sense resistor is used to sense input current and
servo to the command created by the outer voltage and
multiplier. Thus the input current follows the input line
voltage, and changes as necessary, in order to maintain
constant bank voltage. The forward converter sees a
voltage input of 382VDC unless the line voltage drops out,
in which case the 470
µF main capacitor discharges to
240VDC before the PWM stage is shut down. Compared to
a typical off-line converter, the effective input voltage
range of the forward converter is much smaller, simplify-
ing the design. Additionally, the higher bus voltage pro-
vides greater hold-up times for given capacitor size.
Because the high side transformer effectively delays the
turn-on reverse recovery spike past the end of the built-in
blanking time, an external blanking transistor is needed.
Controlling the output current during an output short
circuit depends on the duty cycle reducing to a small
fraction of steady state. An additional transistor disables
blanking during turn-on and output short circuit.
5A/DIV
0.5V/DIV
Figure 10
Figure 11
VRMS
90
80
85
250
LT1509 • F11
75
70
132
180
90
200W/300W
100W
30W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com