Electronic Components Datasheet Search
  English  ▼

X  

SK53C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SK53C
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK53C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK53C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK53C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SK53C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SK53C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SK56C
SK56C
SK56C
(TA=25℃ unless otherwise noted)
Document Number: D1307007
Version: L13
R7
G
Green compound
GREEN COMPOUND
CODE
DESCRIPTION
SK56C R7
HR7
3,000 / 13" Plastic reel
Note 1: "xx" defines voltage from 20V (SK52C) to 200V (SK520C)
EXAMPLE
Prefix "H"
R7
PACKING CODE
SK56C R7G
R6
SMC
R7
3,000 / 13" Paper reel
M6
RATINGS AND CHARACTERISTICS CURVES
SK56CHR7
SMC
AEC-Q101 qualified
PREFERRED P/N
AEC-Q101
QUALIFIED
SK5xxC
(Note 1)
Suffix "G"
SMC
850 / 7" Plastic reel
SK52C thru SK520C
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
Taiwan Semiconductor
0
1
2
3
4
5
6
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
50
70
90
110
130
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=125℃
SK52C-SK54C
SK55C-SK520C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
SK52C-SK54C
SK55C-SK56C
SK59C-SK510C
SK515C-SK520C
PULSE WIDTH=300μs
1% DUTY CYCLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com