Electronic Components Datasheet Search
  English  ▼

X  

SR006 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR006
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR006 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR006 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR006 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR006 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR006 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
20
30
40
50
60
90
100
V
VRMS
14
21
28
35
42
63
70
V
VDC
20
30
40
50
60
90
100
V
IF(AV)
A
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_D1308043
Version: F13
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100℃
TJ=125 ℃
IR
0.5
Operating junction temperature range
- 55 to +125
- 55 to +150
Typical junction capacitance (Note 2)
Typical thermal resistance
50
110
80
65
0.1
mA
10
5
-
--
2
A
Maximum instantaneous forward voltage (Note 1)
@ 0.5 A
VF
0.55
0.70
0.85
V
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.5
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
SR
005
SR
006
SR
009
SR
010
UNIT
Maximum repetitive peak reverse voltage
MECHANICAL DATA
Case:
DO-204AL (DO-41)
DO-204AL (DO-41)
Weight:
0.33g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SR
002
SR
003
SR
004
SR002 thru SR010
Taiwan Semiconductor
Schottky Barrier Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - SR006

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR006 TSC-SR006 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR006 TSC-SR006 Datasheet
249Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR006 TSC-SR006 Datasheet
534Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
More results

Similar Description - SR006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com