Electronic Components Datasheet Search
  English  ▼

X  

SR1202 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR1202
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR1202 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR1202 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR1202 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR1202 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR1202 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFRM
A
I
2tA2s
μA
mA
RθJL
RθJA
TSTG
OC
Document Number: DS_D1308044
Version: F13
SR1202 thru SR1204
Schottky Barrier Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Taiwan Semiconductor
28
20
30
40
MECHANICAL DATA
Case:
DO-201AD
DO-201AD
Weight:
1.1 g (approximately)
SR1202
SR1203
SR1204
20
30
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
40
A
Maximum instantaneous forward voltage @5 A
(Note 1)
@12 A
VF
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
12
14
21
V
Maximum DC reverse current
@TJ=25 ℃
at rated DC blocking voltage
@TJ=100 ℃
IR
20
390
Typical thermal resistance
OC/W
3
24
Repetitive peak forward current f > 15Hz
55
0.45
0.55
500
Rating for fusing t < 10ms
Peak forward surge current, 50/60 Hz single half
sine-wave superimposed on rated load (JEDEC
Method )
IFSM
280 / 320
Storage temperature range
- 55 to + 175
Note 1: Pulse test with PW=300μs, 1% duty cycle
Junction temperature range
- in DC forward mode
TJ
- 50 to + 150
OC
<=200


Similar Part No. - SR1202

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1202 TSC-SR1202 Datasheet
618Kb / 2P
12.0 AMP. Schottky Barrier Rectifiers
SR1202 TSC-SR1202 Datasheet
501Kb / 2P
12.0 AMP. Schottky Barrier Rectifiers
SR1202 TSC-SR1202 Datasheet
249Kb / 4P
12.0AMPS. Schottky Barrier Rectifiers
SR1202 TSC-SR1202_10 Datasheet
501Kb / 2P
12.0 AMP. Schottky Barrier Rectifiers
SR1202 TSC-SR1202_13 Datasheet
249Kb / 4P
12.0AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR1202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com