Electronic Components Datasheet Search
  English  ▼

X  

SR1502 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR1502
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR1502 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR1502 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR1502 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR1502 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR1502 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SR1504
SR1504
SR1504
(TA=25℃ unless otherwise noted)
Document Number: DS_D1308047
Version: F13
PACKAGE
R0
R-6
1,000 / 13" Paper reel
SR1502 thru SR1504
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
B0
R-6
400 / Bulk packing
PACKING
SR15xx
(Note 1)
Prefix "H"
A0
Suffix "G"
R-6
700 / Ammo box
Note 1: "xx" defines voltage from 20V (SR1502) to 40V (SR1504)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SR1504 A0
A0
SR1504 A0G
A0
G
Green compound
SR1504HA0
H
A0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
AMBIENT TEMPERATURE (oC)
FIG.1 RATED FORWARD CURRENT VS AMBIENT
TEMP. CURVE
DC forward
RESISTIVE OF
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
350
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SURGE CURRENT
60Hz
50 Hz
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENTAGE OF VR (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=100℃
TJ=25℃
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com