Electronic Components Datasheet Search
  English  ▼

X  

SR2020 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR2020
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR2020 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR2020 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR2020 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR2020 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR2020 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
SR20xx
PART NO.
SR2060
SR2060
SR2060
(TA=25℃ unless otherwise noted)
Document Number: DS_D1308041
Version: I13
SR2020 thru SR20150
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
Prefix "H"
C0
Suffix "G"
TO-220AB
50 / Tube
Note 1: "xx" defines voltage from 20V (SR2020) to 150V (SR20150)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SR2060 C0
C0
SR2060 C0G
C0
G
Green compound
SR2060HC0
H
C0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
5
10
15
20
25
50
100
150
CASE TEMPERATURE (oC)
FIG. 1- FORWARD CURRENT DERATING CURVE
SR2050-150
SR2020-40
RESISTIVE OF
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
8.3ms Single Helf Sine Wave
PER LEG. (JEDEC Method)
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=25℃
TJ=100℃
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
PER LEG
SR2050-2060
SR2020-2040
SR2090-20100
PULSE WIDTH-300μs
1% DUTY CYCLE
SR20150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com