Electronic Components Datasheet Search
  English  ▼

X  

LT1510CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1510CS8
Description  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1510CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1510CS8 Datasheet HTML 5Page - Linear Technology LT1510CS8 Datasheet HTML 6Page - Linear Technology LT1510CS8 Datasheet HTML 7Page - Linear Technology LT1510CS8 Datasheet HTML 8Page - Linear Technology LT1510CS8 Datasheet HTML 9Page - Linear Technology LT1510CS8 Datasheet HTML 10Page - Linear Technology LT1510CS8 Datasheet HTML 11Page - Linear Technology LT1510CS8 Datasheet HTML 12Page - Linear Technology LT1510CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1510/LT1510-5
APPLICATIONS INFORMATION
capacity ceramic capacitor (5
µF to 10µF) from Tokin or
United Chemi-Con/MARCON, et al., and the old standby,
aluminum electrolytic, which will require more microfarads
to achieve adequate ripple rating. OS-CON can also be used.
The output capacitor COUT is also assumed to absorb
output switching current ripple. The general formula for
capacitor current is:
I
V
V
V
Lf
RMS
BAT
BAT
CC
=
() −


()( )
029
1
1
.
For example, with VCC = 16V, VBAT = 8.4V, L1 = 30µH and
f = 200kHz, IRMS = 0.2A.
EMI considerations usually make it desirable to minimize
ripple current in the battery leads, and beads or inductors
may be added to increase battery impedance at the 200kHz
switching frequency. Switching ripple current splits be-
tween the battery and the output capacitor depending on
the ESR of the output capacitor and the battery impedance.
If the ESR of COUT is 0.2Ω and the battery impedance is
raised to 4
Ωwithabeadofinductor,only5%ofthecurrent
ripple will flow in the battery.
Soft Start
The LT1510 is soft started by the 0.1
µF capacitor on VC
pin. On start-up, VC pin voltage will rise quickly to 0.5V,
then ramp at a rate set by the internal 45
µA pull-up current
and the external capacitor. Battery charging current starts
ramping up when VC voltage reaches 0.7V and full current
is achieved with VC at 1.1V. With a 0.1µF capacitor, time to
reach full charge current is about 3ms and it is assumed
that input voltage to the charger will reach full value in less
than 3ms. Capacitance can be increased up to 0.47
µF if
longer input start-up times are needed.
In any switching regulator, conventional timer-based soft
starting can be defeated if the input voltage rises much
slower than the time-out period. This happens because the
switching regulators in the battery charger and the com-
puter power supply are typically supplying a fixed amount
of power to the load. If input voltage comes up slowly
compared to the soft start time, the regulators will try to
deliver full power to the load when the input voltage is still
well below its final value. If the adapter is current limited,
it cannot deliver full power at reduced output voltages and
the possibility exists for a quasi “latch” state where the
adapter output stays in a current limited state at reduced
output voltage. For instance, if maximum charger plus
computer load power is 20W, a 24V adapter might be
current limited at 1A. If adapter voltage is less than (20W/1A
= 20V) when full power is drawn, the adapter voltage will be
sucked down by the constant 20W load until it reaches a
lower stable state where the switching regulators can no
longer supply full load. This situation can be prevented by
utilizing
undevoltage lockout, set higher than the minimum
adapter voltage where full power can be achieved.
A fixed undervoltage lockout of 7V is built into the VCC pin.
Internal lockout is performed by clamping the VC pin low.
The VC pin is released from its clamped state when the VCC
pin rises above 7V. The charger will start delivering current
about 2ms after VC is released, as set by the 0.1µF at VC
pin. Higher lockout voltage can be implemented with a
Zener diode (see Figure 3 circuit).
Figure 3. Undervoltage Lockout
GND
VCC
VC
VIN
1510 F03
LT1510
2k
D1
1N4001
VZ
The lockout voltage will be VIN = VZ + 1V.
For example, for a 24V adapter to start charging at 22VIN,
choose VZ = 21V. When VIN is less than 22V, D1 keeps VC
low and charger off.
Charging Current Programming
The basic formula for charging current is (see Block
Diagram):
II
V
R
BAT
PROG
PROG
=
()( )=

 ()
2000
2 465
2000
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com