Electronic Components Datasheet Search
  English  ▼

X  

SRF20100 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRF20100
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRF20100 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRF20100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRF20100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRF20100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRF20100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SRF2060
SRF2060
SRF2060
(TA=25℃ unless otherwise noted)
Document Number: DS_D1309023
Version: I13
SRF2060HC0
H
C0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
SRF2060 C0
C0
SRF2060 C0G
C0
G
Green compound
Note 1: "xx" defines voltage from 20V (SRF2020) to 150V (SRF20150)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SRF20xx
(Note 1)
Prefix "H"
C0
Suffix "G"
ITO-220AB
50 / Tube
SRF2020 thru SRF20150
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
0
5
10
15
20
25
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
SRF2060 - 20150
SRF2020 - 2050
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
SRF2020-2040
SRF2050-2060
SRF20150
SRF2090-20100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com