Electronic Components Datasheet Search
  English  ▼

X  

UPD753208 Datasheet(PDF) 21 Page - NEC

Part # UPD753208
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753208 Datasheet(HTML) 21 Page - NEC

Back Button UPD753208 Datasheet HTML 17Page - NEC UPD753208 Datasheet HTML 18Page - NEC UPD753208 Datasheet HTML 19Page - NEC UPD753208 Datasheet HTML 20Page - NEC UPD753208 Datasheet HTML 21Page - NEC UPD753208 Datasheet HTML 22Page - NEC UPD753208 Datasheet HTML 23Page - NEC UPD753208 Datasheet HTML 24Page - NEC UPD753208 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
21
µPD753204, 753206, 753208
6. PERIPHERAL HARDWARE FUNCTION
6.1 Digital I/O Port
There are three kinds of I/O ports.
•
CMOS input ports (Ports 0, 1)
: 6
•
CMOS input/output ports (Ports 2, 3, 6, 8, 9)
: 20
•
N-ch open-drain input/output ports (Port 5)
: 4
Total
30
Table 6-1. Types and Features of Digital Ports
Port
Function
Operation and features
Remarks
PORT0
4-bit input
The alternate function pins have an output function
Also used for the INT4, SCK,
with operation mode when using the serial interface
SO/SB0, and SI/SB1 pins.
function.
PORT1
1-bit input
2-bit input dedicated port
Also used for the INT0 and
TI0.
PORT2
4-bit I/O
Can be set to input mode or output mode in 4-bit
Also used for the PTO0 to
units.
PTO2, PCL, and BUZ pins.
PORT3
Can be set to input mode or output mode bit-wise.
Also used for the LCDCL
and SYNC pins.
PORT5
4-bit I/O (N-
Can be set to input mode or output mode in 4-bit
—
channel open-
units. On-chip pull-up resistor can be specified
drain, 13-V
by mask option bit-wise.
withstand)
PORT6
4-bit I/O
Can be set to input mode or output mode bit-wise.
Also used for the KR0 to
KR3 pins.
PORT8
Can be set to input mode
Ports 8 and 9 are paired
Also used for the S20 to
or output mode in 4-bit
and data can be input/
S23 pins.
units.
output in 8-bit units.
PORT9
Also used for the S16 to
S19 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com