Electronic Components Datasheet Search
  English  ▼

X  

S98100MG Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # S98100MG
Description  Infrared Laser Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

S98100MG Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  S98100MG Datasheet HTML 1Page - Roithner LaserTechnik GmbH S98100MG Datasheet HTML 2Page - Roithner LaserTechnik GmbH S98100MG Datasheet HTML 3Page - Roithner LaserTechnik GmbH S98100MG Datasheet HTML 4Page - Roithner LaserTechnik GmbH S98100MG Datasheet HTML 5Page - Roithner LaserTechnik GmbH S98100MG Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
23.09.2010
S98100MG
5 of 6
MTBF – test report
@ 40 °C (TC), 100 mW
Using the after 250 hrs aging curves of the operation currents of the laser diodes to calculate the life time,
the failure time of each laser diode is estimated by the linear extrapolation of the aging curves with
∆I
op/ Iop ≥ 50% as the end-of-life criteria.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com