Electronic Components Datasheet Search
  English  ▼

X  

LT1573 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1573
Description  Low Dropout PNP Regulator Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1573 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1573 Datasheet HTML 8Page - Linear Technology LT1573 Datasheet HTML 9Page - Linear Technology LT1573 Datasheet HTML 10Page - Linear Technology LT1573 Datasheet HTML 11Page - Linear Technology LT1573 Datasheet HTML 12Page - Linear Technology LT1573 Datasheet HTML 13Page - Linear Technology LT1573 Datasheet HTML 14Page - Linear Technology LT1573 Datasheet HTML 15Page - Linear Technology LT1573 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1573
equals the resistance of RB1, RB2, ..., and RBn in parallel,
and the resistance RD equals the resistance of RD1, RD2, ...,
and RDn in parallel.
Voltage Feedback Resistor Divider Table
Voltage feedback resistor divider is provided for conve-
nience for the most possibly used output voltages in
Table 4.
Table 4. LT1573 Output Feedback Divider Resistance
OUTPUT
R1 (
Ω)
VOLTAGE (V)
R2 (
Ω)
(NEAREST 1%)
1.5
1k
187
1.8
1k
422
2.0
1k
576
2.2
1k
732
2.5
1k
976
2.8
1k
1210
3.0
1k
1370
3.3
1k
1620
3.5
1k
1780
3.8
1k
2000
4.0
1k
2150
4.5
1k
2550
5.0
1k
2940
COMP
VOUT
FB
LATCH
LT1573
+
CTIME
0.5
µF
COUT2
COUT1
CC
100pF
VIN
5V
RC
1k
1/8W
RD
24
Ω
1/2W
VOUT
3.3V
GND
1573 TA01
RB
50
Ω
1/8W
R1
1.6k
1/8W
R2
1k
1/8W
LOAD
+
+
QOUT
MOTOROLA
D45H11
COUT1 = 24 × 1µF SURFACE MOUNT CERAMIC CAPACITOR
(FOR T < 45
°C, COUT1 = 24 × 1µF Y5V CERAMIC SURFACE MOUNT CAPACITORS,
FOR T > 45
°C, COUT1 = 24 × 1µF X7R CERAMIC SURFACE MOUNT CAPACITORS)
PLACE COUT1 IN THE MICROPROCESSOR SOCKET CAVITY
CIN, COUT2 = 220µF SURFACE MOUNT TANTALUM CAPACITOR
CTIME = 0.5µF FOR 100ms TIME OUT AT ROOM TEMPERATURE
SHDN (ACTIVE HIGH) PIN SHOULD BE TIED TO GROUND IF IT IS NOT USED
CIN
5V
VIN
DRIVE
SHDN
GND
+
3.3V/5A Microprocessor Supply
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com