Electronic Components Datasheet Search
  English  ▼

X  

LT1534CS-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1534CS-1
Description  Ultralow Noise 2A Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1534CS-1 Datasheet(HTML) 3 Page - Linear Technology

  LT1534CS-1 Datasheet HTML 1Page - Linear Technology LT1534CS-1 Datasheet HTML 2Page - Linear Technology LT1534CS-1 Datasheet HTML 3Page - Linear Technology LT1534CS-1 Datasheet HTML 4Page - Linear Technology LT1534CS-1 Datasheet HTML 5Page - Linear Technology LT1534CS-1 Datasheet HTML 6Page - Linear Technology LT1534CS-1 Datasheet HTML 7Page - Linear Technology LT1534CS-1 Datasheet HTML 8Page - Linear Technology LT1534CS-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1534/LT1534-1
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 5V, VC = 0.9V, VFB = VREF. COL, SHDN, NFB, all other pins open
unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifiers
VNFR
Negative Feedback Reference Voltage
Measured at Negative Feedback Pin with
q
– 2.550
– 2.500
– 2.420
V
Feedback Pin Open
INFR
Negative Feedback Input Current
VNFB = VNFR
q
–37
– 25
µA
NFBREG
Negative Feedback Reference Voltage
2.7V
≤ VIN ≤ 23V
q
0.002
0.05
%/V
Line Regulation
gm
Error Amplifier Transconductance
∆IC = ±25µA
1100
1500
1900
µmho
q
700
2300
µmho
IESK
Error Amplifier Sink Current
VFB = VREF + 150mV, VC = 0.9V, VSHDN = 1V
q
120
200
350
µA
IESRC
Error Amplifier Source Current
VFB = VREF – 150mV, VC = 0.9V, VSHDN = 1V
q
120
200
350
µA
VCLH
Error Amplifier Clamp Voltage
High Clamp, VFB = 1V
1.33
V
VCLL
Error Amplifier Clamp Voltage
Low Clamp, VFB = 1.5V
0.1
V
AV
Error Amplifier Voltage Gain
180
250
V/V
Oscillator and Sync
fMAX
Maximum Switch Frequency
250
kHz
fSYNC
Synchronization Frequency Range
fOSC = 250kHz
q
375
kHz
RSYNC
SYNC Pin Input Resistance
40
k
Ω
VFBfs
FB Pin Threshold for Frequency Shift
5% Reduction from Nominal
0.4
V
Output Switches
DCMAX
Maximum Switch Duty Cycle
RVSL = RCSL = 4.9k, fOSC = 25kHz
q
88
91
%
tIBL
Switch Current Limit Blanking Time
200
ns
BVCOL
Output Switch Breakdown Voltage
2.7V
≤ VIN ≤ 23V
q
35
V
RON
Output Switch-On Resistance
ICOL = 1.5A, Both COL Pins Tied Together
q
0.25
0.43
Ω
ILIM
Switch Current Limit
Duty Cycle = 30%
2
A
Duty Cycle = 80%
1.6
A
∆IIN/∆ISW Supply Current Increase During
16
mA/A
Switch-On Time
Slew Control
VSLEWR
Output Voltage Slew Rising Edge
RVSL, RCSL = 17k
11
V/
µs
VSLEWF
Output Voltage Slew Falling Edge
RVSL, RCSL = 17k
14.5
V/
µs
ISLEWR
Output Current Slew Rising Edge
RVSL, RCSL = 17k
1.3
A/
µs
ISLEWF
Output Current Slew Falling Edge
RVSL, RCSL = 17k
1.3
A/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com