Electronic Components Datasheet Search
  English  ▼

X  

LT1576C Datasheet(PDF) 16 Page - Linear Technology

Part # LT1576C
Description  1.5A, 200kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1576C Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1576C Datasheet HTML 12Page - Linear Technology LT1576C Datasheet HTML 13Page - Linear Technology LT1576C Datasheet HTML 14Page - Linear Technology LT1576C Datasheet HTML 15Page - Linear Technology LT1576C Datasheet HTML 16Page - Linear Technology LT1576C Datasheet HTML 17Page - Linear Technology LT1576C Datasheet HTML 18Page - Linear Technology LT1576C Datasheet HTML 19Page - Linear Technology LT1576C Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LT1576/LT1576-5
SWITCH NODE CONSIDERATIONS
For maximum efficiency, switch rise and fall times are
made as short as possible. To prevent radiation and high
frequency resonance problems, proper layout of the com-
ponents connected to the switch node is essential. B field
(magnetic) radiation is minimized by keeping catch diode,
switch pin, and input bypass capacitor leads as short as
possible. E field radiation is kept low by minimizing the
length and area of all traces connected to the switch pin
and BOOST pin. A ground plane should always be used
APPLICATIONS INFORMATION
under the switcher circuitry to prevent interplane cou-
pling. A suggested layout for the critical components is
shown in Figure 5. Note that the feedback resistors and
compensation components are kept as far as possible
from the switch node. Also note that the high current
ground path of the catch diode and input capacitor are kept
very short and separate from the analog ground line.
The high speed switching current path is shown schemati-
cally in Figure 6. Minimum lead length in this path is
essential to ensure clean switching and low EMI. The path
Figure 6. High Speed Switching Path
1576 F06
5V
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
LOAD
SWITCH NODE
Figure 5. Suggested Layout for LT1576
VOUT
VIN
SW
BOOST
SHDN/SYNC
FB
VC
GND
1576 F05
GND
KEEP INPUT
CAPACITOR
AND CATCH
DIODE CLOSE
TO REGULATOR
AND TERMINATE
THEM TO THE
SAME POINT
CONNECT OUTPUT
CAPACITOR DIRECTLY
TO HEAVY GROUND
TAKE OUTPUT DIRECTLY FROM END
OF OUTPUT CAPACITOR TO AVOID
PARASITIC RESISTANCE AND
INDUCTANCE (KELVIN CONNECTION)
MINIMIZE AREA
OF CONNECTIONS
TO SWITCH NODE
AND BOOST NODE
GROUND RING NEED NOT BE AS SHOWN
(NORMALLY EXISTS AS INTERNAL PLANE)
MINIMUM SIZE
OF FEEDBACK PIN
CONNECTIONS
TO AVOID PICKUP
TERMINATE
FEEDBACK
RESISTORS AND
COMPENSATION
COMPONENTS
DIRECTLY TO
SWITCHER
GROUND PIN
CC
RC
R1
D1
C3
R2
D2
L1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com