Electronic Components Datasheet Search
  English  ▼

X  

LT1610CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1610CS8
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1610CS8 Datasheet HTML 8Page - Linear Technology LT1610CS8 Datasheet HTML 9Page - Linear Technology LT1610CS8 Datasheet HTML 10Page - Linear Technology LT1610CS8 Datasheet HTML 11Page - Linear Technology LT1610CS8 Datasheet HTML 12Page - Linear Technology LT1610CS8 Datasheet HTML 13Page - Linear Technology LT1610CS8 Datasheet HTML 14Page - Linear Technology LT1610CS8 Datasheet HTML 15Page - Linear Technology LT1610CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1610
TYPICAL APPLICATIONS
C2
15
µF
L1
10
µH
VIN
5V
D1
VOUT
9V
150mA
1610 TA08
+
C1
15
µF
+
R2
1M
R3
158k
C1: AVX TAJA156M010
C2: AVX TAJB156M016
D1: MOTOROLA MBR0520
L1: MURATA LQH3C100M24
65
2
3
4
7
8
1
VIN
SW
PGND
FB
VC
SHDN
COMP
LT1610
SHUTDOWN
GND
5V to 9V/150mA Boost Converter
Efficiency
LOAD CURRENT (mA)
1
70
80
90
10
100
300
1610 TA09
60
65
75
85
55
50
VOUT
200mV/DIV
140mA
10mA
LOAD
CURRENT
INDUCTOR
CURRENT
200mA/DIV
200
µs/DIV
1610 TA10
5V to 9V Boost Converter Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com