Electronic Components Datasheet Search
  English  ▼

X  

LT1610CMS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1610CMS8
Description  1.7MHz, Single Cell Micropower DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1610CMS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1610CMS8 Datasheet HTML 8Page - Linear Technology LT1610CMS8 Datasheet HTML 9Page - Linear Technology LT1610CMS8 Datasheet HTML 10Page - Linear Technology LT1610CMS8 Datasheet HTML 11Page - Linear Technology LT1610CMS8 Datasheet HTML 12Page - Linear Technology LT1610CMS8 Datasheet HTML 13Page - Linear Technology LT1610CMS8 Datasheet HTML 14Page - Linear Technology LT1610CMS8 Datasheet HTML 15Page - Linear Technology LT1610CMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1610
TYPICAL APPLICATIONS
3.3V TO 8V/70mA, – 8V/5mA, 24V/5mA TFT LCD Bias Supply Uses All Ceramic Capacitors
D1
D4
0.22
µF
L1
5.4
µH
65
8
2
4
7
3
1
VIN
SW
LT1610
PGND
COMP
VC
FB
SHDN
GND
0.22
µF
100k
48.7k
1610 TA18
274k
C1
4.7
µF
VIN
3.3V
C2
4.7
µF
1
µF
1
µF
1
µF
0.22
µF
AVDD
8V
70mA
0.22
µF: TAIYO YUDEN EMK212BJ224MG
1
µF: TAIYO YUDEN LMK212BJ105MG
4.7
µF: TAIYO YUDEN LMK316BJ475ML
D1: MOTOROLA MBRO520
D2, D3, D4: BAT54S
L1: SUMIDA CDRH5D185R4
VON
24V
5mA
VOFF
–8V
5mA
51pF
D3
D2
TFT LCD Bias Supply Transient Response
AVDD
200mV/DIV
VON
500mV/DIV
VOFF
200mV/DIV
70mA
25mA
AVDD LOAD
200
µs/DIV
1610 TA19
VON LOAD = 5mA
VOFF LOAD = 5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com