Electronic Components Datasheet Search
  English  ▼

X  

LT1614CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1614CS8
Description  Inverting 600kHz Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1614CS8 Datasheet(HTML) 8 Page - Linear Technology

  LT1614CS8 Datasheet HTML 1Page - Linear Technology LT1614CS8 Datasheet HTML 2Page - Linear Technology LT1614CS8 Datasheet HTML 3Page - Linear Technology LT1614CS8 Datasheet HTML 4Page - Linear Technology LT1614CS8 Datasheet HTML 5Page - Linear Technology LT1614CS8 Datasheet HTML 6Page - Linear Technology LT1614CS8 Datasheet HTML 7Page - Linear Technology LT1614CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1614
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1998
1614i LT/GP 0798 4K • PRINTED IN THE USA
TYPICAL APPLICATION
3.3V to – 3.1V/200mA DC/DC Converter
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1174
High Efficiency Step-Down and Inverting DC/DC Converter
Selectable IPEAK = 300mA or 600mA
LT1307
Single Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from 1 Cell, MSOP Package
LT1308
Single Cell High Current Micropower 600kHz Boost Converter
5V at 1A from a Single Li-Ion Cell, SO-8 Package
LT1316
Micropower Boost DC/DC Converter
Programmable Peak Current Limit, MSOP Package
LT1317
Micropower 600kHz PWM DC/DC Converter
2 Cells to 3.3V at 200mA, MSOP Package
LTC1474
Low Quiescent Current High Efficiency DC/DC Converter
IQ = 10µA, Programmable Peak Current Limit, MSOP
LT1610
1.7MHz Single Cell Micropower DC/DC Converter
5V at 200mA from 3.3V, MSOP Package
RELATED PARTS
VIN
SW
LT1614
L1
22
µH
VIN
3.3V
D1
FB
SHDN
18.7k
12.7k
100k
1nF
VOUT
– 3.1V
200mA
C1: AVX1206CY106
D1: MBR0520
L1, L2: MURATA LQH3C220
1614 TA03
22
µF
22
µF
VC
GND
L2
22
µH
C1
1
µF
+
3.3V to – 3.1V Converter Efficiency
LOAD CURRENT (mA)
310
30
20
60
70
80
100
300
1614 TA04
50
40
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com