Electronic Components Datasheet Search
  English  ▼

X  

LT1615 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1615
Description  Micropower Step-Up DC/DC Convertersin SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1615 Datasheet(HTML) 2 Page - Linear Technology

  LT1615 Datasheet HTML 1Page - Linear Technology LT1615 Datasheet HTML 2Page - Linear Technology LT1615 Datasheet HTML 3Page - Linear Technology LT1615 Datasheet HTML 4Page - Linear Technology LT1615 Datasheet HTML 5Page - Linear Technology LT1615 Datasheet HTML 6Page - Linear Technology LT1615 Datasheet HTML 7Page - Linear Technology LT1615 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1615/LT1615-1
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
VIN, SHDN Voltage ................................................... 15V
SW Voltage .............................................................. 36V
FB Voltage .................................................................VIN
Current into FB Pin ................................................. 1mA
Junction Temperature ........................................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1615ES5
LT1615ES5-1
Consult factory for Industrial and Military grade parts.
S5 PART MARKING
SW 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
FB 3
5 VIN
4 SHDN
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
LT1615-1
1.0
V
LT1615
1.2
V
Quiescent Current
Not Switching
20
30
µA
VSHDN = 0V
1
µA
FB Comparator Trip Point
q
1.205
1.23
1.255
V
FB Comparator Hysteresis
8mV
Output Voltage Line Regulation
1.2V < VIN < 12V
0.05
0.1
%/V
FB Pin Bias Current (Note 3)
VFB = 1.23V
q
30
80
nA
Switch Off Time
VFB > 1V
400
ns
VFB < 0.6V
1.5
µs
Switch VCESAT
ISW = 70mA (LT1615-1)
85
120
mV
ISW = 300mA (LT1615)
250
350
mV
Switch Current Limit
LT1615-1
75
100
125
mA
LT1615
300
350
400
mA
SHDN Pin Current
VSHDN = 1.2V
2
3
µA
VSHDN = 5V
8
12
µA
SHDN Input Voltage High
0.9
V
SHDN Input Voltage Low
0.25
V
Switch Leakage Current
Switch Off, VSW = 5V
0.01
5
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1615 and LT1615-1 are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the
–40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: Bias current flows into the FB pin.
TJMAX = 125°C, θJA = 256°C/W
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VSHDN = 1.2V unless otherwise noted.
LTIZ
LTKH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com