Electronic Components Datasheet Search
  English  ▼

X  

LT1617 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1617
Description  Micropower Inverting DC/DC Converters in SOT-23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1617 Datasheet(HTML) 3 Page - Linear Technology

  LT1617 Datasheet HTML 1Page - Linear Technology LT1617 Datasheet HTML 2Page - Linear Technology LT1617 Datasheet HTML 3Page - Linear Technology LT1617 Datasheet HTML 4Page - Linear Technology LT1617 Datasheet HTML 5Page - Linear Technology LT1617 Datasheet HTML 6Page - Linear Technology LT1617 Datasheet HTML 7Page - Linear Technology LT1617 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1617/LT1617-1
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Saturation Voltage
(VCESAT)
Quiescent Current
Feedback Pin Voltage and
Bias Current
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1617/-1 G01
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
ISWITCH = 500mA
ISWITCH = 300mA
TEMPERATURE (
°C)
–50
1617/-1 G02
–1.25
–1.24
–1.23
–1.22
–1.21
–1.20
5
4
3
2
1
0
CURRENT
VOLTAGE
–25
0
25
50
75
100
TEMPERATURE (
°C)
1617/-1 G03
25
23
21
19
17
15
–50
–25
0
25
50
75
100
VIN = 12V
VIN = 1.2V
VFB = 1.23V
NOT SWITCHING
PI FU CTIO S
SW (Pin 1): Switch Pin. This is the collector of the internal
NPN power switch. Minimize the metal trace area con-
nected to this pin to minimize EMI.
GND (Pin 2): Ground. Tie this pin directly to the local
ground plane.
NFB (Pin 3): Feedback Pin. Set the output voltage by
selecting values for R1 and R2 (see Figure 1):
R
V
R
OUT
1
123
123
2
210 6
=
−
+
()−
.
.
•
SHDN (Pin 4): Shutdown Pin. Tie this pin to 0.9V or higher
to enable the device. Tie below 0.25V to turn off the device.
VIN (Pin 5): Input Supply Pin. Bypass this pin with a
capacitor as close to the device as possible.
TEMPERATURE (
°C)
1617/-1 G04
550
500
450
400
350
300
250
–50
–25
0
25
50
75
100
VIN = 1.2V
VIN = 12V
TEMPERATURE (
°C)
1617/-1 G05
400
350
300
250
200
150
100
50
0
–50
–25
0
25
50
75
100
VIN = 1.2V
VIN = 12V
VIN = 1.2V
LT1617-1
LT1617
VIN = 12V
SHUTDOWN PIN VOLTAGE (V)
1617/-1 G06
25
20
15
10
5
0
0
5
10
15
25
°C
100
°C
Switch Off Time
Shutdown Pin Current
Switch Current Limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com