Electronic Components Datasheet Search
  English  ▼

X  

LT1639 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1639
Description  1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1639 Datasheet(HTML) 2 Page - Linear Technology

  LT1639 Datasheet HTML 1Page - Linear Technology LT1639 Datasheet HTML 2Page - Linear Technology LT1639 Datasheet HTML 3Page - Linear Technology LT1639 Datasheet HTML 4Page - Linear Technology LT1639 Datasheet HTML 5Page - Linear Technology LT1639 Datasheet HTML 6Page - Linear Technology LT1639 Datasheet HTML 7Page - Linear Technology LT1639 Datasheet HTML 8Page - Linear Technology LT1639 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1638/LT1639
ABSOLUTE MAXIMUM RATINGS
Specified Temperature Range (Note 3) .. – 40
°C to 85°C
Junction Temperature ........................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
Total Supply Voltage (V + to V –) .............................. 44V
Input Differential Voltage ......................................... 44V
Input Current ......................................................
±25mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range ................ – 40
°C to 85°C
PACKAGE/ORDER INFORMATION
ORDER PART NUMBER
ORDER PART NUMBER
LT1638CMS8
LT1638CS8
LT1638IS8
LT1638CN8
LT1638IN8
MS8 PART MARKING
S8 PART MARKING
1638I
1638
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
N PACKAGE
14-LEAD PDIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
C
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
– IN C
OUT C
D
ORDER PART NUMBER
LT1639CS
LT1639IS
LT1639CN
LT1639IN
TJMAX = 150°C, θJA = 110°C/ W (N)
TJMAX = 150°C, θJA = 150°C/ W (S)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/ W (MS8)
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
V+
OUT B
–IN B
+IN B
A
B
OUT A
–IN A
+IN A
V–
TJMAX = 150°C, θJA = 130°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
LTCY
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1638 N, S Packages
200
600
µV
0
°C ≤ TA ≤ 70°C
q
850
µV
–40
°C ≤ TA ≤ 85°C
q
950
µV
LT1639 N, S Packages
300
700
µV
0
°C ≤ TA ≤ 70°C
q
950
µV
–40
°C ≤ TA ≤ 85°C
q
1050
µV
LT1638C MS8 Package
350
900
µV
0
°C ≤ TA ≤ 70°C
q
1150
µV
–40
°C ≤ TA ≤ 85°C
q
1250
µV
Input Offset Voltage Drift
LT1638/LT1639 N, S Packages
q
26
µV/°C
(Note 7)
LT1638CMS8
q
2.5
7
µV/°C
IOS
Input Offset Current
q
16
nA
VCM = 44V (Note 4)
q
2.5
µA
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply, TA = 25°C, unless otherwise noted. (Note 3)
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com