Electronic Components Datasheet Search
  English  ▼

X  

LT1675 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1675 Datasheet HTML 8Page - Linear Technology LT1675 Datasheet HTML 9Page - Linear Technology LT1675 Datasheet HTML 10Page - Linear Technology LT1675 Datasheet HTML 11Page - Linear Technology LT1675 Datasheet HTML 12Page - Linear Technology LT1675 Datasheet HTML 13Page - Linear Technology LT1675 Datasheet HTML 14Page - Linear Technology LT1675 Datasheet HTML 15Page - Linear Technology LT1675 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1675/LT1675-1
TYPICAL APPLICATIO S
RGB Video Inverter
RED
VIDEO IN
GREEN
BLUE
75
Ω
75
Ω
75
Ω
75
Ω
CABLE
CABLE
CABLE
V+
V–
SELECT
1675 TA03
ENABLE
COMPOSITE
BLANKING
97.6
Ω
97.6
Ω
97.6
Ω
VOUT RED
75
Ω
LT1675
75
Ω
VOUT GREEN
VOUT BLUE
+1
+1
+2
+2
+2
+1
+1
+1
+1
332
Ω
332
Ω
+
–
332
Ω
332
Ω
+
–
332
Ω
10k
10k
LT1634
LT1399
5V
0.714V
1.25V
332
Ω
+
–
This circuit is useful for viewing photographic negatives
on video. A single channel can be used for composite or
monochrome video. The inverting amplifier stages are
only switched in during active video so the blanking, sync
and color burst (if present) are not disturbed. To prevent
video from swinging negative, a voltage offset equal to the
peak video signal is added to the inverted signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com