Electronic Components Datasheet Search
  English  ▼

X  

LT1639CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1639CS
Description  1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1639CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1639CS Datasheet HTML 3Page - Linear Technology LT1639CS Datasheet HTML 4Page - Linear Technology LT1639CS Datasheet HTML 5Page - Linear Technology LT1639CS Datasheet HTML 6Page - Linear Technology LT1639CS Datasheet HTML 7Page - Linear Technology LT1639CS Datasheet HTML 8Page - Linear Technology LT1639CS Datasheet HTML 9Page - Linear Technology LT1639CS Datasheet HTML 10Page - Linear Technology LT1639CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1638/LT1639
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Time to 0.1% vs
Output Step
Capacitive Load Handling,
Overshoot vs Capacitive Load
SETTLING TIME (
µs)
0
–10
–8
–4
–2
0
10
4
10
20
25
1638/39 G21
–6
6
8
2
515
30
35
AV = –1
AV = –1
AV = 1
AV = 1
VS = ±15V
Undistorted Output Swing
vs Frequency
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Load Resistance
Total Harmonic Distortion + Noise
vs Output Voltage
Open-Loop Gain
Large-Signal Response
Small-Signal Response
1638/39 G28
1638/39 G29
VS = ±15V
AV = 1
VS = ±15V
AV = 1
CL = 15pF
OUTPUT VOLTAGE (5V/DIV)
1638/39 G27
–10V
–20V
0V
10V
20V
RL = 2k
VS = ±15V
RL = 10k
RL = 50k
CAPACITIVE LOAD (pF)
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
10000
1638/39 G22
AV = 1
AV = 5
AV = 10
VS = 5V, 0V
VCM = 2.5V
ISOURCE = 150µA
FREQUENCY (kHz)
0.1
1
10
100
1638/39 G23
35
30
25
20
15
10
5
0
DISTORTION
≤ 1%
RL = 20k
VS = ±2.5V
VS = ±15V
FREQUENCY (Hz)
0.01
1
10
100
1638/39 G24
0.1
10
1
0.1
0.01
0.001
VS = 3V, 0V
VOUT = 2VP-P
VCM = 1.2V
RL = 20k
AV = –1
AV = 1
LOAD RESISTANCE TO GROUND (k
Ω)
0.01
0.1
1
10
0.1
10
100
1638/39 G25
0.001
1
VS = 3V TOTAL
AV = 1
VIN = 2VP-P AT 1kHz
VS = ±1.5V
VIN = ±1V
VS = 3V, 0V
VIN = 0.5V TO 2.5V
VS = 3V, 0V
VIN = 0.2V TO 2.2V
OUTPUT VOLTAGE (VP-P)
10
1
0.1
0.01
0.001
02
3
1638/39 G26
1
RL = 10k, f = 1kHz
VCM = HALF SUPPLY
A V = –1, VS = ±1.5V
AV = –1, VS = 3V, 0V
AV = 1, VS = ±1.5V
AV = 1, VS = 3V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com