Electronic Components Datasheet Search
  English  ▼

X  

LT1680C Datasheet(PDF) 15 Page - Linear Technology

Part # LT1680C
Description  High Power DC/DC Step-Up Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680C Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1680C Datasheet HTML 8Page - Linear Technology LT1680C Datasheet HTML 9Page - Linear Technology LT1680C Datasheet HTML 10Page - Linear Technology LT1680C Datasheet HTML 11Page - Linear Technology LT1680C Datasheet HTML 12Page - Linear Technology LT1680C Datasheet HTML 13Page - Linear Technology LT1680C Datasheet HTML 14Page - Linear Technology LT1680C Datasheet HTML 15Page - Linear Technology LT1680C Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1680
APPLICATIONS INFORMATION
The input bypass capacitors generally have less ripple
current than the output bypass capacitors as the input
current in a boost converter is continuous. Input bypass
capacitor selection can be made using ripple current
ratings. Peak-to-peak ripple current is equal to the induc-
tor ripple current (
∆IL).
Efficiency Considerations and Heat Dissipation
High output power applications create an inherent con-
cern regarding power dissipation in regulator compo-
nents. Although high efficiencies are achieved using the
LT1680, the power dissipated in the regulator climbs to
relatively high values when the load draws large amounts
of power. Even at 90% efficiency, a 500W application has
conversion loss of 55W.
I2R dissipation in the MOSFET switch, sense resistor and
inductor series resistance can generate substantial con-
version loss under high current conditions. Generally, the
dominant I2R loss is evidenced in the FET switch, which is
proportional to the steady-state duty cycle, or conduction
time of the switch. For example, in a 5V to 48V boost
converter, the duty cycle is:
DC = 1 – (VIN/VOUT)
DC = 1 – 5/48
≈ 90%
The FET switch conducts inductor current for almost 90%
of the cycle time, and thus may require increased consid-
eration for dissipating I2R power.
Gate Drive Buffer
The LT1680 is designed to drive relatively large capacitive
loads. However, in certain applications, efficiency im-
provements can be realized by adding an external buffer
stage to drive the gate of the FET switch. When the switch
gate loads the driver output such that rise/fall times
exceed 100ns, buffers can sometimes result in efficiency
gains. Buffers can also reduce effects of back injection into
the gate driver output due to coupling of switch node
transitions through the switch FET CMILLER.
Optimizing Transient Response–
Compensation Component Values
The dominant compensation point for an LT1680 con-
verter is the VC pin (Pin 5), or error amplifier output. This
pin connects to an external series RC network, RVC and
CVC. The infinite permutations of input/output filtering,
capacitor ESR, input voltage, load current, etc. make for an
empirical method of optimizing loop response for a spe-
cific set of conditions.
Loop response can be observed by injecting a step change
in load current. This can be achieved by using a switchable
load. With the load switching, the transient response of the
output voltage can be observed with an oscilloscope.
Iterating through RC combinations will yield optimized
response. Refer to Application Note 19 in the
1990 Linear
Applications Handbook, Volume 1 for more information.
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
N Package
16-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
N16 1197
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
0.255
± 0.015*
(6.477
± 0.381)
0.770*
(19.558)
MAX
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.020
(0.508)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018
± 0.003
(0.457
± 0.076)
0.100
± 0.010
(2.540
± 0.254)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com