Electronic Components Datasheet Search
  English  ▼

X  

LT1767 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1767
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767 Datasheet(HTML) 1 Page - Linear Technology

  LT1767 Datasheet HTML 1Page - Linear Technology LT1767 Datasheet HTML 2Page - Linear Technology LT1767 Datasheet HTML 3Page - Linear Technology LT1767 Datasheet HTML 4Page - Linear Technology LT1767 Datasheet HTML 5Page - Linear Technology LT1767 Datasheet HTML 6Page - Linear Technology LT1767 Datasheet HTML 7Page - Linear Technology LT1767 Datasheet HTML 8Page - Linear Technology LT1767 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
sn1767 1767fas
Monolithic 1.5A, 1.25MHz
Step-Down Switching Regulators
s
1.5A Switch in a Small MSOP Package
s
Constant 1.25MHz Switching Frequency
s
High Power Exposed Pad (MS8E) Package
s
Wide Operating Voltage Range: 3V to 25V
s
High Efficiency 0.22
Ω Switch
s
1.2V Feedback Reference Voltage
s
Fixed Output Voltages of 1.8V, 2.5V, 3.3V, 5V
s
2% Overall Output Tolerance
s
Uses Low Profile Surface Mount Components
s
Low Shutdown Current: 6
µA
s
Synchronizable to 2MHz
s
Current Mode Loop Control
s
Constant Maximum Switch Current Rating at All Duty
Cycles*
The LT
®1767 is a 1.25MHz monolithic buck switching
regulator. A high efficiency 1.5A, 0.22
Ω switch is included
on the die together with all the control circuitry required to
complete a high frequency, current mode switching regu-
lator. Current mode control provides fast transient re-
sponse and excellent loop stability.
New design techniques achieve high efficiency at high
switching frequencies over a wide operating range. A low
dropout internal regulator maintains consistent perfor-
mance over a wide range of inputs from 24V systems to Li-
Ion batteries. An operating supply current of 1mA im-
proves efficiency, especially at lower output currents.
Shutdown reduces quiescent current to 6
µA. Maximum
switch current remains constant at all duty cycles. Syn-
chronization allows an external logic level signal to in-
crease the internal oscillator from 1.4MHz to 2MHz.
The LT1767 is available in an 8-pin MSOP fused leadframe
package and a low thermal resistance exposed pad pack-
age. Full cycle-by-cycle short-circuit protection and ther-
mal shutdown are provided. High frequency operation
allows the reduction of input and output filtering compo-
nents and permits the use of chip inductors.
s
DSL Modems
s
Portable Computers
s
Wall Adapters
s
Battery-Powered Systems
s
Distributed Power
, LTC and LT are registered trademarks of Linear Technology Corporation.
Efficiency vs Load Current
12V to 3.3V Step-Down Converter
BOOST
LT1767-3.3
VIN
OUTPUT
3.3V
1.2A*
VIN
12V
1767 TA01
C2
0.1
µF
CC
1.5nF
RC
4.7k
D1
UPS120
C1
10
µF
CERAMIC
C3
2.2
µF
CERAMIC
D2
CMDSH-3
L1
5
µH
VSW
FB
SHDN
OPEN
OR
HIGH
= ON
GND
VC
SYNC
*MAXIMUM OUTPUT CURRENT IS SUBJECT TO THERMAL DERATING.
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1767 TA01a
95
90
85
80
75
70
VIN = 10V
VOUT = 5V
VIN = 5V
VOUT = 3.3V
*Patent Pending
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - LT1767

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
287Kb / 28P
Step-Down Switching Regulator
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results

Similar Description - LT1767

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com